データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5001-Q1 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM5001-Q1
部品情報  High-Voltage Switch-Mode Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM5001-Q1 データシート(HTML) 11 Page - Texas Instruments

Back Button LM5001-Q1 Datasheet HTML 7Page - Texas Instruments LM5001-Q1 Datasheet HTML 8Page - Texas Instruments LM5001-Q1 Datasheet HTML 9Page - Texas Instruments LM5001-Q1 Datasheet HTML 10Page - Texas Instruments LM5001-Q1 Datasheet HTML 11Page - Texas Instruments LM5001-Q1 Datasheet HTML 12Page - Texas Instruments LM5001-Q1 Datasheet HTML 13Page - Texas Instruments LM5001-Q1 Datasheet HTML 14Page - Texas Instruments LM5001-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LM5001, LM5001-Q1
www.ti.com
SNVS484H – JANUARY 2007 – REVISED JULY 2015
Feature Description (continued)
The current sense signal is reduced to a scale factor of 1.05 V/A for the PWM comparator signal. The signal is
then summed with a 450 mV peak slope compensation ramp. The combined signal provides the PWM
comparator with a control signal that reaches 1.5 V when the MOSFET current is 1 A. For duty cycles greater
than 50%, current mode control circuits are subject to sub-harmonic oscillation (alternating between short and
long PWM pulses every other cycle). Adding a fixed slope voltage ramp signal (slope compensation) to the
current sense signal prevents this oscillation. The 450 mV ramp (zero volts when the power MOSFET turns on,
and 450 mV at the end of the PWM clock cycle) adds a fixed slope to the current sense ramp to prevent
oscillation.
To prevent erratic operation at low duty cycle, a leading edge blanking circuit attenuates the current sense signal
when the power MOSFET is turned on. When the MOSFET is initially turned on, current spikes from the power
MOSFET drain-source and gate-source capacitances flow through the current sense resistor. These transient
currents normally cease within 50 ns with proper selection of rectifier diodes and proper PC board layout.
7.3.7 Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the IC in the event the maximum junction temperature
is exceeded. When the 165°C junction temperature threshold is reached, the regulator is forced into a low power
standby state, disabling all functions except the VCC regulator. Thermal hysteresis allows the IC to cool down
before it is re-enabled. Note that since the VCC regulator remains functional during this period, the soft-start
circuit shown in Figure 17 should be augmented if soft-start from Thermal Shutdown state is required.
7.3.8 Power MOSFET
The LM5001 switching regulator includes an N-Channel MOSFET with 440-m
Ω on-resistance. The on-resistance
of the LM5001 MOSFET varies with temperature as shown in the Typical Characteristics graph. The typical total
gate charge for the MOSFET is 4.5 nC which is supplied from the VCC pin when the MOSFET is turned on.
8 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
This information is intended to provide guidelines for the power supply designer using the LM5001.
8.1.1 VIN
The voltage applied to the VIN pin can vary within the range of 3.1 V to 75 V. The current into the VIN pin
depends primarily on the gate charge of the power MOSFET, the switching frequency, and any external load on
the VCC pin. It is recommended the filter shown in Figure 14 be used to suppress transients which may occur at
the input supply. This is particularly important when VIN is operated close to the maximum operating rating of the
LM5001.
When power is applied and the VIN voltage exceeds 2.8 V with the EN pin voltage greater than 0.45 V, the VCC
regulator is enabled, supplying current into the external capacitor connected to the VCC pin. When the VIN
voltage is between 2.8 V and 6.9 V, the VCC voltage is approximately equal to the VIN voltage. When the
voltage on the VCC pin exceeds 6.9 V, the VCC pin voltage is regulated at 6.9 V. In typical flyback applications,
an auxiliary transformer winding is connected through a diode to the VCC pin. This winding must raise the VCC
voltage above 6.9 V to shut off the internal start-up regulator. The current requirements from this winding are
relatively small, typically less than 20 mA. If the VIN voltage is much higher than the auxiliary voltage, the
auxiliary winding significantly improves conversion efficiency. It also reduces the power dissipation within the
LM5001. The externally applied VCC voltage should never exceed 14 V. Also the applied VCC should never
exceed the VIN voltage to avoid reverse current through the internal VCC to VIN diode shown in the LM5001
block diagram.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5001 LM5001-Q1


同様の部品番号 - LM5001-Q1

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM5001 NSC-LM5001 Datasheet
361Kb / 18P
   High Voltage Switch Mode Regulator
LM5001 NSC-LM5001 Datasheet
392Kb / 18P
   High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5001 TI1-LM5001 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
logo
National Semiconductor ...
LM5001MA NSC-LM5001MA Datasheet
361Kb / 18P
   High Voltage Switch Mode Regulator
LM5001MA NSC-LM5001MA Datasheet
392Kb / 18P
   High Voltage Switch Mode Regulator
More results

同様の説明 - LM5001-Q1

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM5000 NSC-LM5000 Datasheet
438Kb / 18P
   High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5000 TI-LM5000_15 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
logo
National Semiconductor ...
LM5001 NSC-LM5001_09 Datasheet
392Kb / 18P
   High Voltage Switch Mode Regulator
LM5000 NSC-LM5000_07 Datasheet
385Kb / 18P
   High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5001 TI1-LM5001_14 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
LM5000 TI1-LM5000_14 Datasheet
1Mb / 23P
[Old version datasheet]   High Voltage Switch Mode Regulator
LM5002 TI-LM5002_15 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
logo
National Semiconductor ...
LM5001 NSC-LM5001 Datasheet
361Kb / 18P
   High Voltage Switch Mode Regulator
LM5002 NSC-LM5002_09 Datasheet
367Kb / 18P
   High Voltage Switch Mode Regulator
LM5002 NSC-LM5002 Datasheet
336Kb / 18P
   High Voltage Switch Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com