データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4253E データシート(PDF) 1 Page - Infineon Technologies AG

部品番号 TLE4253E
部品情報  Material Content Data Sheet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4253E データシート(HTML) 1 Page - Infineon Technologies AG

  TLE4253E_15 Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.
2.
3.
Material Content Data Sheet
Sales Product Name
TLE4253E
Issued
7. October 2015
MA#
MA001172466
Package
PG-DSO-8-27
Weight*
84.26 mg
Construction Element
Material Group
Substances
CAS#
if applicable
Weight
[mg]
Average
Mass
[%]
Sum
[%]
Average
Mass
[ppm]
Sum
[ppm]
chip
inorganic material
silicon
7440-21-3
2.205
2.62
2.62
26164
26164
leadframe
inorganic material
phosphorus
7723-14-0
0.009
0.01
108
non noble metal
zinc
7440-66-6
0.036
0.04
432
non noble metal
iron
7439-89-6
0.728
0.86
8636
non noble metal
copper
7440-50-8
29.548
35.07
35.98
350655
359831
wire
noble metal
gold
7440-57-5
0.090
0.11
0.11
1069
1069
encapsulation
organic material
carbon black
1333-86-4
0.098
0.12
1162
plastics
epoxy resin
-
4.503
5.34
53434
inorganic material
silicondioxide
60676-86-0
44.340
52.62
58.08
526210
580806
leadfinish
non noble metal
tin
7440-31-5
0.695
0.82
0.82
8249
8249
plating
noble metal
silver
7440-22-4
0.725
0.86
0.86
8598
8598
glue
plastics
epoxy resin
-
0.322
0.38
3821
noble metal
silver
7440-22-4
0.966
1.15
1.53
11462
15283
*deviation
< 10%
Sum in total:
100.00
1000000
Important Remarks:
Infineon Technologies AG provides full material declaration based on information provided by third parties and
has taken and continues to take reasonable steps to provide representative and accurate information.
Infineon Technologies AG and Infineon Technologies AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited information may not be available for release.
All statements are based on our present knowledge, are provided 'as is' and may be subject to change at any
time due to technical requirements and development without notification.
This product is in compliance with EU Directive 2011/65/EU (RoHS) and does not use any exemption.
Company
Infineon Technologies AG
Address
81726 München
Internet
www.infineon.com


同様の部品番号 - TLE4253E_15

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4253E INFINEON-TLE4253E Datasheet
426Kb / 22P
   Low Dropout Voltage Tracking Regulator
Rev. 1.2, November 2009
More results

同様の説明 - TLE4253E_15

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
MA001010846 INFINEON-MA001010846_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001011684 INFINEON-MA001011684_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001025832 INFINEON-MA001025832_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
28. July 2015
MA001075538 INFINEON-MA001075538_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001126876 INFINEON-MA001126876_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
2. July 2015
MA001147172 INFINEON-MA001147172_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
24. April 2015
MA001276174 INFINEON-MA001276174_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
IPA126N10N3G INFINEON-IPA126N10N3G_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
3. September 2015
IPB60R160P6 INFINEON-IPB60R160P6_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
27. August 2015
IPB60R230P6 INFINEON-IPB60R230P6_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
27. August 2015
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com