データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL2110ABZ データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL2110ABZ
部品情報  100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2110ABZ データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL2110ABZ Datasheet HTML 5Page - Intersil Corporation ISL2110ABZ Datasheet HTML 6Page - Intersil Corporation ISL2110ABZ Datasheet HTML 7Page - Intersil Corporation ISL2110ABZ Datasheet HTML 8Page - Intersil Corporation ISL2110ABZ Datasheet HTML 9Page - Intersil Corporation ISL2110ABZ Datasheet HTML 10Page - Intersil Corporation ISL2110ABZ Datasheet HTML 11Page - Intersil Corporation ISL2110ABZ Datasheet HTML 12Page - Intersil Corporation ISL2110ABZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6295.6
March 8, 2012
FIGURE 19. ISL2110 QUIESCENT CURRENT vs VOLTAGE
FIGURE 20. ISL2111 QUIESCENT CURRENT vs VOLTAGE
FIGURE 21. BOOTSTRAP DIODE I-V CHARACTERISTICS
FIGURE 22. VHS VOLTAGE vs VDD VOLTAGE
Typical Performance Curves (Continued)
0
5
10
15
20
0
10
20
30
40
50
60
70
80
90
100
110
120
VDD, VHB (V)
IHB
IDD
0
5
10
15
20
VDD, VHB (V)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
IHB
IDD
0.3
0.4
0.5
0.6
0.7
0.8
1.10-3
0.01
0.10
1.00
FORWARD VOLTAGE (V)
1.10-4
1.10-5
1.10-6
12
13
14
15
16
0
20
40
60
80
100
120
VDD TO VSS VOLTAGE (V)
ISL2110, ISL2111


同様の部品番号 - ISL2110ABZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2110ABZ RENESAS-ISL2110ABZ Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
More results

同様の説明 - ISL2110ABZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Monolithic Power System...
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
   100V, 4A, High Frequency Half-Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com