データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL6117CBZA データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL6117CBZA
部品情報  Power Distribution Controllers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6117CBZA データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL6117CBZA Datasheet HTML 2Page - Intersil Corporation ISL6117CBZA Datasheet HTML 3Page - Intersil Corporation ISL6117CBZA Datasheet HTML 4Page - Intersil Corporation ISL6117CBZA Datasheet HTML 5Page - Intersil Corporation ISL6117CBZA Datasheet HTML 6Page - Intersil Corporation ISL6117CBZA Datasheet HTML 7Page - Intersil Corporation ISL6117CBZA Datasheet HTML 8Page - Intersil Corporation ISL6117CBZA Datasheet HTML 9Page - Intersil Corporation ISL6117CBZA Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FN9100.7
April 29, 2010
This IC responds to a severe overcurrent load (defined
as a voltage across the sense resistor >150mV over
the OC Vth set point) by immediately driving the
N-Channel MOSFET gate to 0V in about 10µs. The gate
voltage is then slowly ramped up turning on the
N-Channel MOSFET to the programmed current
regulation level; this is the start of the time-out period.
Upon a UV condition, the PGOOD signal will pull low
when tied high through a resistor to the logic or VDD
supply. This pin is a UV fault indicator. For an OC
latch-off indication, monitor CTIM, pin 6. This pin will
rise rapidly from 1.9V to VDD once the time-out period
expires.
See Figures 12 through 16 for waveforms relevant to
text.
The IC is reset after an OC latch-off condition by a low
level on the PWRON pin and is turned on by the
PWRON pin being driven high.
Application Considerations
Design applications where the CR Vth is set extremely
low (25mV or less), there is a two-fold risk to
consider.
• There is the susceptibility to noise influencing the
absolute CR Vth value. This can be addressed with a
100pF capacitor across the RSENSE resistor.
• Due to common mode limitations of the
overcurrent comparator, the voltage on the ISET
pin must be 20mV above the IC ground either
initially (from ISET*RSET) or before CTIM reaches
time-out (from gate charge-up). If this does not
happen, the IC may incorrectly report overcurrent
fault at start-up when there is no fault. Circuits
with high load capacitance and initially low load
current are susceptible to this type of unexpected
behavior.
Do not signal nor pull-up the PWRON input to > 5V.
Exceeding 6V on this pin will cause the internal charge
pump to malfunction.
During the soft-start and the time-out delay duration
with the IC in its current limit mode, the VGS of the
external N-Channel MOSFET is reduced driving the
MOSFET switch into a (linear region) high rDS(ON)
state. Strike a balance between the CR limit and the
timing requirements to avoid periods when the
external N-Channel MOSFETs may be damaged or
destroyed due to excessive internal power dissipation.
Refer to the MOSFET SOA information in the
manufacturer’s data sheet.
When driving particularly large capacitive loads a
longer soft-start time to prevent current regulation
upon charging and a short CR time may offer the best
application solution relative to reliability and FET MTF.
Physical layout of RSENSE resistor is critical to
avoid the possibility of false overcurrent occurrences.
Ideally, trace routing between the RSENSE resistors
and the IC is as direct and as short as possible with
zero current in the sense lines (see Figure 1)..
Using the ISL6116 as a -48V
Low Side Hot Swap Power
Controller
To supply the required VDD, it is necessary to maintain
the chip supply 10V to 16V above the -48V bus. This
may be accomplished with a suitable regulator
between the voltage rail and pin 5 (VDD). By using a
regulator, the designer may ignore the bus voltage
variations. However, a low-cost alternative is to use a
Zener diode (see Figure 2 for typical 5A load control);
this option is detailed in the following.
Note that in this configuration the PGOOD feature
(pin 7) is not operational as the ISEN pin voltage is
always < UV threshold.
See Figures 17 through 20 for waveforms relevant to
-48V and other high voltage applications.
TABLE 1. RISET PROGRAMMING RESISTOR VALUE
RISET RESISTOR
NOMINAL CR VTH
10kΩ
200mV
4.99kΩ
100mV
2.5kΩ
50mV
750Ω
15mV
NOTE: Nominal Vth = RISET x 20µA.
TABLE 2. CTIM CAPACITOR VALUE
CTIM CAPACITOR
NOMINAL CURRENT LIMITED
PERIOD
0.022µF
2ms
0.047µF
4.4ms
0.1µF
9.3ms
NOTE: Nominal time-out period = CTIM x 93kΩ.
CORRECT
TO ISEN AND
CURRENT
SENSE RESISTOR
INCORRECT
FIGURE 1. SENSE RESISTOR PCB LAYOUT
RISET
ISL6115, ISL6116, ISL6117, ISL6120


同様の部品番号 - ISL6117CBZA

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL6117CBZA INTERSIL-ISL6117CBZA Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6117CBZA INTERSIL-ISL6117CBZA Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6117CBZA INTERSIL-ISL6117CBZA Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
ISL6117CBZA RENESAS-ISL6117CBZA Datasheet
716Kb / 14P
   Power Distribution Controllers
More results

同様の説明 - ISL6117CBZA

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
200Kb / 10P
   Power Distribution Controllers
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
   Power Distribution Controllers
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
   Power Distribution Controllers
logo
Intersil Corporation
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
   Power Distribution Controllers
April 29, 2010
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
   Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
   Power Distribution Controllers
March 2003
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
   Power Distribution Controllers
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
   12V Power Distribution Controllers
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
   12V Power Distribution Controllers
April 23, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com