データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL6121LIBZA データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL6121LIBZA
部品情報  Single Supply Integrated Current Limiting Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6121LIBZA データシート(HTML) 4 Page - Intersil Corporation

  ISL6121LIBZA Datasheet HTML 1Page - Intersil Corporation ISL6121LIBZA Datasheet HTML 2Page - Intersil Corporation ISL6121LIBZA Datasheet HTML 3Page - Intersil Corporation ISL6121LIBZA Datasheet HTML 4Page - Intersil Corporation ISL6121LIBZA Datasheet HTML 5Page - Intersil Corporation ISL6121LIBZA Datasheet HTML 6Page - Intersil Corporation ISL6121LIBZA Datasheet HTML 7Page - Intersil Corporation ISL6121LIBZA Datasheet HTML 8Page - Intersil Corporation ISL6121LIBZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN9004.2
November 12, 2004
Introduction
The ISL6121 is a single channel Overcurrent (OC) fault
protection IC for the +2.5V to +5V environment. Each
ISL6121 incorporates in a single 8 lead SOIC package a
50m
Ω N channel MOSFET power switch for power control.
See Figure 3 for switch resistance curves. With an enabling
input and fault reporting output compatible with 3V and 5V
logic allowing for external control and monitoring. See Figure
2 for IC operational waveforms. This device features internal
current monitoring, consistent current limiting and an
integrated power switch with a current limiting timed delay to
latch-off feature for system protection.
Key Feature Description and Operation
UV Lock Out
The ISL6121 undervoltage lockout feature prevents
functionality of the device unless the correct ENABLE state
and VIN > 2.5V are present.
Soft Start
A constant 500nA current source ramps up the switch’s gate
causing a voltage follower effect on the output voltage. This
provides a soft start turn-on and eliminates bus voltage
drooping caused by inrush current charging heavy load
capacitances. The rising and falling output is a current
limited voltage ramp so that both the inrush current and
voltage slew rate are limited, independent of load. This
reduces supply droop due to surge and also eliminates the
need for external EMI filters necessary on other IC products.
See Figure 4 for turn-on wave forms.
Fault Blanking On Start-Up
During initial turn-on the ISL6121 prevents nuisance faults
being reported to the system controller by blanking the fault
signal for 12ms. This blanking eliminates the need for
external RC filters necessary for other vendor products that
assert a fault signal upon initial turn-on into a temporary high
current condition. See Figures 11 through 13 for waveform
examples.
Current Regulation
The ISL6121 has integrated current sensing on the power
MOSFET that allows for rapid control of OC events. Once an
OC is detected the ISL6121 goes into its Current Regulation
(CR) control mode. The ISL6121 CR level is set to a nominal
2A. This current regulation is
±20% over the full operating
temperature and voltage bias range. See Figures 5 and 6 for
illustrative curves.
The speed of this control is proportional to the magnitude
of the OC fault. Thus a hard over current is more quickly
controlled than a marginal condition. See Figure 7 for
waveforms illustrating this and Figure 8 for an
accompanying graph.
Latch-Off Time Delay
The primary function of any OC protection device is to
quickly isolate the voltage bus from a faulty load. Unlike
many other manufacturers’ IC products that sense the IC
thermal condition (the monitored IC junction temperature
depends on a number of factors the most important of which
are power dissipation of the faulted switch and the package
temp) to isolate a faulty load, the ISL6121 uses an internal
12ms timer that starts upon OC detection. Once an OC
condition is detected the output is current limited for a
nominal 12ms to allow transient conditions to pass before
latch-off. The time to latch-off is independent of the device’s
thermal condition.
If, after the ISL6121 has latched off, and the fault has
asserted and the enable is not deasserted but the OC
condition still exists, the ISL6121 unlike other IC devices
does not send to the controller a continuous string of fault
pulses. The ISL6121’s single fault signal is sent at the time
of latch off.
Slow And Fast Shutdown
The ISL6121 has two shutdown modes. When disabled with
a Load Current less than the CR level the ISL6121 shuts
down in a controlled manner using a 500nA constant current
source controlled ramp. When latched-off during CR or if the
timer has expired the ISL6121 quickly pulls down the output
thereby quickly removing the faulted load from the voltage
bus. See Figures 9 and 10 for waveforms of each mode.
Temperature Shutdown
Although the ISL6121 has a thermal shutdown feature,
because of the 12ms timed shutdown this will only be
invoked in extremely high ambient temperatures.
Active Output Pulldown
Another unique ISL6121 feature is the active pull down on
the outputs to within 300mV of GND when the device is
disabled.
ISL6121


同様の部品番号 - ISL6121LIBZA

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL6121LIBZA INTERSIL-ISL6121LIBZA Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
logo
Renesas Technology Corp
ISL6121LIBZA RENESAS-ISL6121LIBZA Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
Intersil Corporation
ISL6121LIBZA-T INTERSIL-ISL6121LIBZA-T Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
logo
Renesas Technology Corp
ISL6121LIBZA-T RENESAS-ISL6121LIBZA-T Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
More results

同様の説明 - ISL6121LIBZA

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL6121 INTERSIL-ISL6121 Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
logo
Renesas Technology Corp
ISL6121 RENESAS-ISL6121 Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
logo
International Rectifier
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com