データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL6121LIBZA-T データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL6121LIBZA-T
部品情報  Single Supply Integrated Current Limiting Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6121LIBZA-T データシート(HTML) 3 Page - Intersil Corporation

  ISL6121LIBZA-T Datasheet HTML 1Page - Intersil Corporation ISL6121LIBZA-T Datasheet HTML 2Page - Intersil Corporation ISL6121LIBZA-T Datasheet HTML 3Page - Intersil Corporation ISL6121LIBZA-T Datasheet HTML 4Page - Intersil Corporation ISL6121LIBZA-T Datasheet HTML 5Page - Intersil Corporation ISL6121LIBZA-T Datasheet HTML 6Page - Intersil Corporation ISL6121LIBZA-T Datasheet HTML 7Page - Intersil Corporation ISL6121LIBZA-T Datasheet HTML 8Page - Intersil Corporation ISL6121LIBZA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN9004.2
November 12, 2004
Absolute Maximum Ratings
Thermal Information
Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.0V
EN, FAULT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND-0.3V to VIN +0.3V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Output Current . . . . . . . . . . . . . . . . . . . . . . .Short Circuit Protected
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . 3KV
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Supply Voltage Range (Typical) . . . . . . . . . . . . . . . . . . 2.5V to 5.5V
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
8 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
116
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
VSUPPLY = 5V, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER SWITCH
ISL6121 On Resistance at 2.7V
rDS(ON)_27 VIN = 2.7V, IOUT = 0.8A, TA = TJ = 25
oC-
60
70
m
TA = TJ = 85
oC-
-
80
m
ISL6121 On Resistance at 3.3V
rDS(ON)_33 VIN = 3.3V, IOUT = 0.8A, TA = TJ = 25
oC-
50
60
m
TA = TJ = 85
oC-
-
75
m
ISL6121 On Resistance at 5.0V
rDS(ON)_50 VIN = 5V, IOUT = 0.8A, TA = TJ = 25
oC-
50
60
m
TA = TJ = 85
oC-
-
75
m
Disabled Output Voltage
VOUT_DIS
VIN = 5V, Switch Disabled, 50
µA Load
-
300
450
mV
Output Voltage Rising Rate
t_vout_rt
RL = 10Ω, CL = 0.1µF, 10%-90%
-
10
-
V/ms
Slow VOUT Turn-off Rate
t_svout_offt
RL = 10Ω, CL = 0.1µF, 90%-10%
-
10
-
V/ms
Fast VOUT Turn-off Rate
t_fvout_offt
RL = 1Ω, CL = 0.1µF, 90%-10%
-
3
-
V/
µs
CURRENT CONTROL
Current Limit, VIN = 5V
Ilim
VOUT = 3.3V
1.5
2
2.5
A
OC Regulation Settling Time
tsettIlim
RL = 1.6Ω, CL = 0.1µF to Within 10% of CR
-
1
-
ms
Severe OC Regulation Settling Time
tsettIlim_sev RL< 1Ω, CL = 0.1µF to Within 10% of CR
-
100
-
µs
Over Current Latch-off Time
tOC_loff
TJ = 25
oC-
12
-
ms
I/O PARAMETERS
Fault Output Voltage
Vfault
Fault Output Current = 10mA
-
-
0.4
V
ENABLE High Threshold
Ven_vih
VIN = 5.5V
2.0
-
-
V
ENABLE Low Threshold
Ven_vil
VIN = 2.7V
-
-
0.6
V
ENABLE Low Threshold
Ven_vil
VIN = 4.5V
-
-
0.8
V
ENABLE Input Current
Ien_i
ENABLE = 0V to 5V, VIN = 5V, TJ >25
oC
-0.5
0
0.5
µA
BIAS PARAMETERS
Enabled VIN Current
IVDD
Switch Closed, OUTPUT = OPEN, TJ > 0
oC
-
120
200
µA
Disabled VIN Current
IVDD
Switch Open, OUTPUT = OPEN
-
-
5
µA
Under Voltage Lockout Threshold
VUVLH
VIN Rising, Switch Enabled
1.7
2.25
2.5
V
UV Hysteresis
UVHYS
50
100
-
mV
Over Temperature Disable
Temp_dis
-
150
-
oC
ISL6121


同様の部品番号 - ISL6121LIBZA-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL6121LIBZA-T INTERSIL-ISL6121LIBZA-T Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
logo
Renesas Technology Corp
ISL6121LIBZA-T RENESAS-ISL6121LIBZA-T Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
More results

同様の説明 - ISL6121LIBZA-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL6121 INTERSIL-ISL6121 Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
logo
Renesas Technology Corp
ISL6121 RENESAS-ISL6121 Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
logo
International Rectifier
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com