データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL6121HEVAL1 データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL6121HEVAL1
部品情報  Single Supply Integrated Current Limiting Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6121HEVAL1 データシート(HTML) 5 Page - Intersil Corporation

  ISL6121HEVAL1 Datasheet HTML 1Page - Intersil Corporation ISL6121HEVAL1 Datasheet HTML 2Page - Intersil Corporation ISL6121HEVAL1 Datasheet HTML 3Page - Intersil Corporation ISL6121HEVAL1 Datasheet HTML 4Page - Intersil Corporation ISL6121HEVAL1 Datasheet HTML 5Page - Intersil Corporation ISL6121HEVAL1 Datasheet HTML 6Page - Intersil Corporation ISL6121HEVAL1 Datasheet HTML 7Page - Intersil Corporation ISL6121HEVAL1 Datasheet HTML 8Page - Intersil Corporation ISL6121HEVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN9004.2
November 12, 2004
Typical Performance Curves
FIGURE 2. OPERATIONAL WAVEFORMS
FIGURE 3. SWITCH RESISTANCE AT 1A
FIGURE 4. VOUT SOFT START vs CLOAD
FIGURE 5. CURRENT REGULATION vs VOUT (VIN = 3.3V)
FIGURE 6. CURRENT REGULATION vs VOUT (VIN = 5.0V)
FIGURE 7. OC TO CR SETTLING TIME WAVEFORMS
ON
OFF
ENABLE
LATCH-OFF SET
RESET BY
ENABLE
CURRENT
REGULATION
SETTLING
TIME (1.4ms)
OVER CURRENT
FAULT
VOUT
IOUT
12ms CURRENT REGULATION PERIOD
2A CURRENT
LIMIT
-40 -30 -20 -10
0
10
20 30 40
50 60 70
80 90 100
TEMPERATURE (oC)
35
40
45
50
55
60
65
70
75
VIN = 2.7V
VIN = 5V
VIN = 3.3V
ENABLE
CL = 100µF
CL = 0.1
µF, 10µF
VOUT
VOUT (1V/DIV.)
TIME (200
µs/DIV.)
1.25
1.5
1.75
2.0
2.25
2.5
2.75
3.0
VOUT (V)
3.1
1600
1800
2000
2200
2400
85oC
25oC
-40oC
1.3 1.5
2.0
2.5
3.0
3.5
4.0
4.5
VOUT (V)
4.8
1600
1800
2000
2200
2400
85oC
-40oC
25oC
TIME (200
µs /DIV.)
CURRENT REGULATED
LEVEL
NOMINAL CURRENT
ISL6121


同様の部品番号 - ISL6121HEVAL1

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL6121HEVAL1 INTERSIL-ISL6121HEVAL1 Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
logo
Renesas Technology Corp
ISL6121HEVAL1 RENESAS-ISL6121HEVAL1 Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
More results

同様の説明 - ISL6121HEVAL1

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL6121 INTERSIL-ISL6121 Datasheet
566Kb / 16P
   Single Supply Integrated Current Limiting Controller
logo
Renesas Technology Corp
ISL6121 RENESAS-ISL6121 Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
logo
International Rectifier
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com