データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV225 データシート(PDF) 7 Page - Texas Instruments

部品番号 LMV225
部品情報  LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMV225 データシート(HTML) 7 Page - Texas Instruments

Back Button LMV225_15 Datasheet HTML 3Page - Texas Instruments LMV225_15 Datasheet HTML 4Page - Texas Instruments LMV225_15 Datasheet HTML 5Page - Texas Instruments LMV225_15 Datasheet HTML 6Page - Texas Instruments LMV225_15 Datasheet HTML 7Page - Texas Instruments LMV225_15 Datasheet HTML 8Page - Texas Instruments LMV225_15 Datasheet HTML 9Page - Texas Instruments LMV225_15 Datasheet HTML 10Page - Texas Instruments LMV225_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
LMV225, LMV226, LMV228
www.ti.com
SNWS013L – AUGUST 2003 – REVISED MARCH 2013
5.0 DC AND AC ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, all limits are specified to VDD = 5.0V; TJ = 25°C. Boldface limits apply at temperature extremes.
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Logarithmic Slope (6)
900 MHz
LMV225
44.6
LMV226
44.6
LMV228
44.2
DSBGA
LMV228 WSON
48.4
1800 MHz
LMV225
40.6
LMV226
42.2
LMV228
42.4
DSBGA
LMV228 WSON
48.3
mV/dB
1900 MHz
LMV225
39.6
LMV226
41.8
LMV228
42.2
DSBGA
LMV228 WSON
47.8
2000 MHz
LMV225
39.7
LMV226
41.6
LMV228
41.8
DSBGA
LMV228 WSON
47.2
Logarithmic Intercept (6)
900 MHz
LMV225
−47.0
LMV226
−25.0
LMV228
−27.7
DSBGA
LMV228 WSON
−23.9
1800 MHz
LMV225
−48.5
LMV226
−25.7
LMV228
−28.9
DSBGA
LMV228 WSON
−23.6
dBm
1900 MHz
LMV225
−48.2
LMV226
−25.6
LMV228
−28.7
DSBGA
LMV228 WSON
−23.1
2000 MHz
LMV225
−48.9
LMV226
−25.5
LMV228
−28.7
DSBGA
LMV228 WSON
−23.0
VOUT
Output Voltage
No RF Input Power Present
LMV225
222
400
LMV226
231
400
mV
LMV228
244
400
IOUT
Output Current Sourcing/Sinking
LMV226 Only
4.5
5.3
mA
ROUT
Output Impedance
No RF Input Power Present
23.7
29
k
31
(6)
Device is set in active mode with a 10 k
Ω resistor from VDD to RFIN/EN. RF signal is applied using a 50Ω RF signal generator AC
coupled to the RFIN/EN pin using a 100 pF coupling capacitor.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV225 LMV226 LMV228


同様の部品番号 - LMV225_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_16 Datasheet
2Mb / 37P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
More results

同様の説明 - LMV225_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV225 TI1-LMV225_16 Datasheet
2Mb / 37P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225SD TI-LMV225SD Datasheet
947Kb / 30P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225SDX TI-LMV225SDX Datasheet
947Kb / 30P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMV225 NSC-LMV225 Datasheet
1Mb / 21P
   RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225 TI1-LMV225 Datasheet
2Mb / 39P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMV227 NSC-LMV227 Datasheet
739Kb / 12P
   Production RF Tested, RF Power Detector for CDMA and WCDMA
LMV232 NSC-LMV232 Datasheet
779Kb / 13P
   Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100 Datasheet
1Mb / 49P
[Old version datasheet]   50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
LMV232 TI-LMV232_15 Datasheet
1Mb / 20P
[Old version datasheet]   LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com