データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV242 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMV242
部品情報  LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMV242 データシート(HTML) 2 Page - Texas Instruments

  LMV242 Datasheet HTML 1Page - Texas Instruments LMV242 Datasheet HTML 2Page - Texas Instruments LMV242 Datasheet HTML 3Page - Texas Instruments LMV242 Datasheet HTML 4Page - Texas Instruments LMV242 Datasheet HTML 5Page - Texas Instruments LMV242 Datasheet HTML 6Page - Texas Instruments LMV242 Datasheet HTML 7Page - Texas Instruments LMV242 Datasheet HTML 8Page - Texas Instruments LMV242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
50:
RF2
RF1
PA1
PA2
1
2
9
3
6
7
10
8
4
5
RFIN
VDD
GND
BS
TX_EN
VRAMP
COMP2
COMP1
LMV242
COUPLER
SWITCH
ANTENNA
OUT1
OUT2
LMV242
SNWS014C – APRIL 2004 – REVISED MAY 2013
www.ti.com
TYPICAL APPLICATION
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage
VDD - GND
6.5V Max
ESD Tolerance (3)
Human Body Model
2 kV
Machine Model
200V
Storage Temperature Range
−65°C to 150°C
Junction Temperature (4)
150°C Max
Mounting Temperature
Infrared or convection (20 sec)
235°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the 2.6V ELECTRICAL CHARACTERISTICS.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human body model: 1.5 k
Ω in series with 100 pF.
(4)
The maximum power dissipation is a function of TJ(MAX) , θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/θJA. All numbers apply for packages soldered directly into a PC board.
OPERATING RATINGS
(1)
Supply Voltage
2.6V to 5.5V
Operating Temperature Range
−40°C to +85°C
VRAMP Voltage Range
0V to 2V
RF Frequency Range
450 MHz to 2 GHz
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the 2.6V ELECTRICAL CHARACTERISTICS.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LMV242


同様の部品番号 - LMV242

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
LMV242LD NSC-LMV242LD Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
LMV242LDX NSC-LMV242LDX Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
LMV242MDA NSC-LMV242MDA Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
LMV242MWA NSC-LMV242MWA Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
More results

同様の説明 - LMV242

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
   Quad Band GSM/GPRS Power Amplifier Module
logo
Freescale Semiconductor...
MMM5062 FREESCALE-MMM5062 Datasheet
1Mb / 22P
   Quad-Band GSM GPRS 3.5 V Power Amplifier
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
   Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77350-13 SKYWORKS-SKY77350-13 Datasheet
429Kb / 2P
   Power Amplifier Module for Quad-Band GSM/GPRS
SKY77365 SKYWORKS-SKY77365 Datasheet
80Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
SKY77336 SKYWORKS-SKY77336 Datasheet
66Kb / 2P
   Power Amplifier Module for Quad-Band GSM/GPRS/EDGE
logo
u-blox AG
SARA-G3 U-BLOX-SARA-G3 Datasheet
1Mb / 48P
   Dual and quad-band GSM/GPRS modules
logo
Skyworks Solutions Inc.
SKY77354 SKYWORKS-SKY77354_13 Datasheet
77Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
logo
Quectel Wireless Soluti...
M95 QUECTEL-M95 Datasheet
1Mb / 2P
   Quad-band GSM/GPRS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com