データシートサーチシステム |
|
SSB302L-T9B-K データシート(PDF) 2 Page - Unisonic Technologies |
|
SSB302L-T9B-K データシート(HTML) 2 Page - Unisonic Technologies |
2 / 3 page SSB302 Preliminary ZCB snubber UNISONICTECHNOLOGIESCO.,LTD 2 of 3 www.unisonic.com.tw QW-R225-004.b ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT Breakdown Voltage VCB 700 V Collector Current IC 1.5 A Peak Forward Surge Current (8.3ms Single Half) IFSM 3 A Collector Power Dissipation PC 750 mW Junction Temperature TJ +150 °C Storage Temperature TSTG -55 ~ +150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Breakdown Voltage VCB IC=100μA 700 V IC=0.5A 0.8 V IC=1A 0.9 V Forward Voltage VF IC=1.5A 1.1 2.0 V Reverse Current ICB VCB=700V 1 μA |
同様の部品番号 - SSB302L-T9B-K |
|
同様の説明 - SSB302L-T9B-K |