データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST721004 データシート(PDF) 1 Page - E-SWITCH

部品番号 ST721004
部品情報  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  E-SWITCH [E-SWITCH]
ホームページ  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST721004 データシート(HTML) 1 Page - E-SWITCH

  ST721004 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
700DP7B10M6QEH
2:1
9/12/2006
ST721004
B
BO
1
1
NC
3
COM.
1
NO
2
46
CIRCUIT DIAGRAM
PUSH
5
PANEL MOUNTING
WITH STANDARD
LOCKING RING
WITHOUT LOCKING
RING
4
56
6
3
A
16429
RELEASED FOR PRODUCTION
9/12/06
BO
12.70
[.500 in]
3.81
[.150 in]
4.70
[.185 in]
5.08
[.200 in]
n1.85
[.073 in]
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-3, 4-6
1-2, 4-5
(ON) = MOMENTARY
P.C. MOUNTING
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. RATING: 3A @ 120VAC OR 28VDC
1A @ 250VAC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. ACUATION FORCE: 300 ± 100gf
9. TRAVEL: 1.0 ± 0.2mm
10. CONTACT RESISTANCE: 20 mOHM MAX.
TYPICAL @ 2-4 VDC
11. DIELECTRIC STRENGTH: 1,000 V RMS @ SEA LEVEL.
12. OPERATING TEMP.: -30°C to 85°C
13.
DENOTES CRITICAL PARAMETER.
14. 2002/95/EC (ROHS) COMPLIANT.
15. HARDWARE TO BE SHIPPED BULK
T100000 - HEXNUT - QTY 2
T100011 - LOCKWASHER - QTY 1
T100015 - LOCKRING - QTY 1
3
2
1
6
5
4
1.27
[.050 in]
3.81
[.150 in]
12.70
[.500 in]
7.53
[.296 in]
5.12
[.202 in]
3.18
[.125 in]
.76
[.030 in]
4.70
[.185 in]
n3.10
[.122 in]
6.35
[.250 in]
1.02
[.040 in]
5.08
[.200 in]
1.22
[.048 in]
11.43
[.450 in]
12.70
[.500 in]
.72
[.028 in]
1.02
[.040 in]
KEYWAY
E-SWITCH LOGO ON
OPPOSITE SIDE
EPOXY SEAL
1/4-40 UNS - 2A
1.30
[.051 in]
n6.35
[.250 in]
n2.38
[.094 in]
n6.35
[.250 in]
.85
[.033 in]
.55
[.022 in]
6.10
[.240 in]
B
20036
DRAWING CLEAN-UP / UPDATE
6/28/11
BGL


同様の部品番号 - ST721004

メーカー部品番号データシート部品情報
logo
E-SWITCH
ST721000 E-SWITCH-ST721000 Datasheet
167Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST721001 E-SWITCH-ST721001 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST721003 E-SWITCH-ST721003 Datasheet
170Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST721005 E-SWITCH-ST721005 Datasheet
175Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST721006 E-SWITCH-ST721006 Datasheet
76Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

同様の説明 - ST721004

メーカー部品番号データシート部品情報
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com