データシートサーチシステム |
|
ISL28005FH-100EVAL1Z データシート(PDF) 3 Page - Intersil Corporation |
|
ISL28005FH-100EVAL1Z データシート(HTML) 3 Page - Intersil Corporation |
3 / 15 page ISL28005 3 FN6973.5 October 24, 2013 Ordering Information PART NUMBER (Notes 1, 2, 3) GAIN PART MARKING PACKAGE Tape & Reel (Pb-Free) PKG. DWG. # ISL28005FH100Z-T7 100V/V BDEA (Note 4) 5 Ld SOT-23 P5.064A ISL28005FH100Z-T7A 100V/V BDEA (Note 4) 5 Ld SOT-23 P5.064A ISL28005FH50Z-T7 50V/V BDDA (Note 4) 5 Ld SOT-23 P5.064A ISL28005FH50Z-T7A 50V/V BDDA (Note 4) 5 Ld SOT-23 P5.064A ISL28005FH20Z-T7 20V/V BDCA (Note 4) 5 Ld SOT-23 P5.064A ISL28005FH20Z-T7A 20V/V BDCA (Note 4) 5 Ld SOT-23 P5.064A ISL28005FH-100EVAL1Z 100V/V Evaluation Board ISL28005FH-50EVAL1Z 50V/V Evaluation Board ISL28005FH-20EVAL1Z 20V/V Evaluation Board NOTES: 1. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28005. For more information on MSL please see techbrief TB363. 4. The part marking is located on the bottom of the part. |
同様の部品番号 - ISL28005FH-100EVAL1Z |
|
同様の説明 - ISL28005FH-100EVAL1Z |