データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28134SOICEVAL1Z データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL28134SOICEVAL1Z
部品情報  5V Ultra Low Noise, Zero Drift Rail-to-Rail Precis Op Amp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28134SOICEVAL1Z データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL28134SOICEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL28134SOICEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL28134SOICEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL28134SOICEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL28134SOICEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL28134SOICEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28134SOICEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28134SOICEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL28134SOICEVAL1Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ISL28134
6
FN6957.6
October 14, 2014
Submit Document Feedback
Electrical Specifications VS = 2.5V, VCM = 1.25V, TA = +25°C, unless otherwise specified. Boldface limits apply over the specified
operating temperature range.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNITS
DC SPECIFICATIONS
IB
Input Bias Current
-300
±120
300
pA
TA = -40°C to +85°C
-300
-
300
pA
TA = -40°C to +125°C
-550
-
550
pA
TCIB
Input Bias Current Temperature
Coefficient
TA = -40°C to +85°C
-
±1.4
-
pA/°C
TA = -40°C to +125°C
-
±2
-
pA/°C
IOS
Input Offset Current
-600
±240
600
pA
TA = -40°C to +85°C
-600
-
600
pA
TA = -40°C to +125°C
-750
-
750
pA
TCIOS
Input Offset Current Temperature
Coefficient
TA = -40°C to +85°C
-
±2.8
-
pA/°C
TA = -40°C to +125°C
-
±4
-
pA/°C
Common Mode Input
Voltage Range
V+ = 2.5V, V- = 0V
Guaranteed by CMRR
-0.1
-
2.6
V
CMRR
Common Mode Rejection Ratio
VCM = -0.1V to 2.6V
120
135
-
dB
VCM = -0.1V to 2.6V
115
--dB
IS
Supply Current per Amplifier
RL = OPEN
-
715
940
µA
RL = OPEN
TA = -40°C to +85°C
-
-
1115
µA
RL = OPEN
TA = -40°C to +125°C
-
-
1190
µA
ISC
Short Circuit Output Source Current
RL = Short to Ground
-
65
-
mA
Short Circuit Output Sink Current
RL = Short to V+
-
-65
-
mA
VOH
Output Voltage Swing, HIGH
From VOUT to V+
RL = 10kΩ to VCM
15
10
-
mV
RL = 10kΩ to VCM
15
--
mV
VOL
Output Voltage Swing, LOW
From V- to VOUT
RL = 10kΩ to VCM
-
10
15
mV
RL = 10kΩ to VCM
--
15
mV
AC SPECIFICATIONS
CIN
Input Capacitance
Differential
-
5.2
-
pF
Common Mode
-
5.6
-
pF
eN
Input Noise Voltage
f = 0.1Hz to 10Hz
-
250
400
nVP-P
f = 10Hz
-
8
-
nV/
Hz
f = 1kHz
-
10
-
nV/
Hz
IN
Input Noise Current
f = 1kHz
-
200
-
fA/
Hz
GBWP
Gain Bandwidth Product
-
3.5
-
MHz


同様の部品番号 - ISL28134SOICEVAL1Z

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28134SOICEVAL1Z RENESAS-ISL28134SOICEVAL1Z Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
More results

同様の説明 - ISL28134SOICEVAL1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28134_1107 INTERSIL-ISL28134_1107 Datasheet
1Mb / 24P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 20P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Linear Technology
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
logo
Analog Devices
ADA4051-1 AD-ADA4051-1 Datasheet
620Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com