データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL55001IBZ データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL55001IBZ
部品情報  High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55001IBZ データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL55001IBZ Datasheet HTML 4Page - Intersil Corporation ISL55001IBZ Datasheet HTML 5Page - Intersil Corporation ISL55001IBZ Datasheet HTML 6Page - Intersil Corporation ISL55001IBZ Datasheet HTML 7Page - Intersil Corporation ISL55001IBZ Datasheet HTML 8Page - Intersil Corporation ISL55001IBZ Datasheet HTML 9Page - Intersil Corporation ISL55001IBZ Datasheet HTML 10Page - Intersil Corporation ISL55001IBZ Datasheet HTML 11Page - Intersil Corporation ISL55001IBZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications
at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by
Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any
patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6200.3
November 3, 2009
For additional products, see www.intersil.com/product_tree
Strain Gauge
The strain gauge is an ideal application to take
advantage of the moderate bandwidth and high
accuracy of the ISL55001. The operation of the circuit
is very straightforward. As the strain variable
component resistor in the balanced bridge is subjected
to increasing strain, its resistance changes, resulting in
an imbalance in the bridge. A voltage variation from
the referenced high accuracy source is generated and
translated to the difference amplifier through the buffer
stage. This voltage difference as a function of the strain
is converted into an output voltage (see Figure 28).
+
-
V+
V-
V2
5V
C12
1nF
VOUT
(V1+V2+V3+V4)
RL
1kΩ
V4
5V
R17
1kΩ
C6
1nF
RF
1kΩ
+
-
R18
1kΩ
+
-
+
-
VARIABLE
SUBJECT TO
1kΩ
1kΩ
R15
R16
1kΩ
1kΩ
V5
0V
FIGURE 28. STRAIN GAUGE AMPLIFIER
ISL55001


同様の部品番号 - ISL55001IBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL55001IBZ INTERSIL-ISL55001IBZ Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55001IBZ RENESAS-ISL55001IBZ Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001IBZ-T13 INTERSIL-ISL55001IBZ-T13 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55001IBZ-T13 RENESAS-ISL55001IBZ-T13 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001IBZ-T7 INTERSIL-ISL55001IBZ-T7 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
More results

同様の説明 - ISL55001IBZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL55001 RENESAS-ISL55001 Datasheet
863Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55001 INTERSIL-ISL55001 Datasheet
562Kb / 12P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifier
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002_06 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com