データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMCJ5381 データシート(PDF) 4 Page - Micro Commercial Components

部品番号 SMCJ5381
部品情報  Silicon 5.0 Watt Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMCJ5381 データシート(HTML) 4 Page - Micro Commercial Components

  SMCJ5381 Datasheet HTML 1Page - Micro Commercial Components SMCJ5381 Datasheet HTML 2Page - Micro Commercial Components SMCJ5381 Datasheet HTML 3Page - Micro Commercial Components SMCJ5381 Datasheet HTML 4Page - Micro Commercial Components SMCJ5381 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RATING AND CHARACTERISTICS CURVES
TEMPERATURE COEFFICIENTS
8
6
4
2
0
0
20
40
60
80
100
120
140
160
L = LEAD LENGTH TO
HEAT SINK
(SEE FIGURE 5)
TL, LEAD TEMPERATURE (¢J)
300
200
100
50
30
20
10
5
0
20
40 60
80 100 120 140 160 180 200 220
RANGE
VZ, ZENER VOLTAGE @IZT (VOLTS)
Fig. 1-POWER TEMPERATURE DERATING CURVE
Fig. 2-TEMPERATURE COEFFICIENT-RANGE FOR UNITS
6 TO 220 VOLTS
30
20
10
7
5
3
2
1
0.7
0.5
0.3
0.0001
0.0002
0.0005
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
D = 0.5
0.2
0.1
0.05
0.02
0.01
D = 0
NOTE BELOW 0.1 SECOND,
THERMAL RESPONSE
CURVE IS APPLICABLE TO
ANY LEAD LENGTH (L)
DUTY CYCLE, D = t1 / t2
SINGLE PULSE £GTJL = £KJL(t)PPK
REPETITIVE PULSES £GTJL = £KJL(t,D)PPK
TIME (SECONDS)
Fig. 3-TYPICAL THERMAL RESPONSE
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1
MCUNTE ON 8.0mm2
COPPER PADS TO
EACH TERMINAL
L, LEAD LENGTH TO HEAT SINK (INCH)
40
20
10
4
2
1
0.4
0.2
0.1
3
4
6
8 10
20
30 40
60 80 100
200
PW = 1ms*
PW = 8.3ms*
PW = 1000ms*
SINE / SQUARE WAVE PW = 100ms*
NOMINAL VZ(V)
Fig. 4-TYPICAL THERMAL RESISTANCE
Fig. 5-MAXIMUM NON-REPETITIVE SURGE
CURRENT VERSUS NOMINAL ZENER
VOLTAGE (SEE NOTE 3)
SMCJ5348 thru SMCJ5388
MCC
www.mccsemi.com


同様の部品番号 - SMCJ5381

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
SMCJ5381B SUNMATE-SMCJ5381B Datasheet
583Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

同様の説明 - SMCJ5381

メーカー部品番号データシート部品情報
logo
Solid States Devices, I...
SZ5706 SSDI-SZ5706 Datasheet
88Kb / 2P
   5.0 WATT 6.8 - 270 VOLTS ZENER DIODES
Z00007G SSDI-Z00007G Datasheet
120Kb / 2P
   5.0 WATT 6.8 ??270 VOLTS ZENER DIODES
logo
Microsemi Corporation
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
   Silicon 10 WATT Zener Diodes
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Micro Commercial Compon...
ZMY75G MCC-ZMY75G Datasheet
128Kb / 3P
   Silicon 1.0 Watt Zener Diodes
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com