データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL1536IRZ-T13 データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL1536IRZ-T13
部品情報  Dual Channel Central Office ADSL2 Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1536IRZ-T13 データシート(HTML) 3 Page - Intersil Corporation

  ISL1536IRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL1536IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL1536IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL1536IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1536IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1536IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1536IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1536IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1536IRZ-T13 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FN6508.4
February 15, 2013
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VS+ to VS- Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30V
VS+ Voltage to Ground . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +30V
VS- Voltage to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . -30V to 0.3V
Input DISAB, DISCD to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . .7V
VIN+ Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VS- to VS+
Current into any Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8mA
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 75mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .250V
Thermal Resistance (Typical, Note 4)
θJA (°C/W)
16 Lead QFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
40
Ambient Operating Temperature Range . . . . . . . . . . -40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -60°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See curves
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
VS = ±12V, RL = 50Ω to GND, DISAB = DISCD = 0, TA = +25°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNIT
AC PERFORMANCE
AV
Gain
12.6
12.85
13.1
V/V
BW
-3dB Bandwidth
50
MHz
THD
Total Harmonic Distortion
f = 1MHz, VO = 10VoP-P - diff, RL = 50Ω to GND
-69
dBc
f = 2.2MHz, VO = 10VoP-P - diff, RL = 50Ω to GND
-59
dBc
SR
Slew Rate, Single-Ended Signal
VOUT from -4.5V to +4.5V
200
400
V/µs
DC PERFORMANCE
VOS-DM
Differential Mode Offset Voltage
-50
+50
mV
VOS-CM
Common Mode Offset Voltage
-125
125
mV
INPUT CHARACTERISTICS
IB+
Non-Inverting Input Bias Current
-5
+5
µA
eN
Input Noise Voltage
f = 10kHz
8.0
nV
√Hz
iN+
+Input Noise Current
f = 10kHz
1.0
pA/
√Hz
RIN
Input Resistance
67.5
9
k
Ω
VIH
Input High Voltage
DIS inputs
2.2
V
VIL
Input Low Voltage
DIS inputs
0.8
V
IIH
Input High Current for DIS
DIS = 5V
20
58
100
µA
IIL
Input Low Current for DIS
DIS = 0V
-25
-7
0
µA
OUTPUT CHARACTERISTICS
VOUT-50
Loaded Output Swing Single-Ended
RL = 50Ω to GND
±10.4
±10.85
V
VOUT-30
Loaded Output Swing Single-Ended
RL = 30Ω to GND
±9.8
±10.4
V
VOUT-DIS
Disable Output Voltage
±800
mV
IOUT
Output Current
RL = 0Ω
600
mA
ISL1536


同様の部品番号 - ISL1536IRZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL1536IRZ-T13 INTERSIL-ISL1536IRZ-T13 Datasheet
134Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
logo
Renesas Technology Corp
ISL1536IRZ-T13 RENESAS-ISL1536IRZ-T13 Datasheet
612Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
More results

同様の説明 - ISL1536IRZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL1535 INTERSIL-ISL1535 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
EL1537 INTERSIL-EL1537 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
logo
Renesas Technology Corp
ISL1536 RENESAS-ISL1536 Datasheet
612Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
logo
Intersil Corporation
ISL1535A INTERSIL-ISL1535A Datasheet
53Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1535AIVEZ INTERSIL-ISL1535AIVEZ Datasheet
114Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
March 11, 2008
EL1537A INTERSIL-EL1537A Datasheet
48Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1535_0707 INTERSIL-ISL1535_0707 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1536 INTERSIL-ISL1536 Datasheet
134Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
EL1537B INTERSIL-EL1537B Datasheet
46Kb / 2P
   Dual Channel CO ADSL2 Line Driver
logo
Texas Instruments
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com