データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28236FBZ データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL28236FBZ
部品情報  5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28236FBZ データシート(HTML) 3 Page - Intersil Corporation

  ISL28236FBZ Datasheet HTML 1Page - Intersil Corporation ISL28236FBZ Datasheet HTML 2Page - Intersil Corporation ISL28236FBZ Datasheet HTML 3Page - Intersil Corporation ISL28236FBZ Datasheet HTML 4Page - Intersil Corporation ISL28236FBZ Datasheet HTML 5Page - Intersil Corporation ISL28236FBZ Datasheet HTML 6Page - Intersil Corporation ISL28236FBZ Datasheet HTML 7Page - Intersil Corporation ISL28236FBZ Datasheet HTML 8Page - Intersil Corporation ISL28236FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ISL28236
3
FN6921.2
July 24, 2014
Submit Document Feedback
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.75V
Supply Turn-on Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V
Thermal Resistance (Typical Notes 4, 5)
JA (°C/W) JC (°C/W)
8 Ld SOIC Package. . . . . . . . . . . . . . . . . . . .
120
60
8 Ld MSOP Package . . . . . . . . . . . . . . . . . .
160
55
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
JC, the “case temp” location is taken at the package top center.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise
noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open, TA = +25°C unless otherwise specified. Boldface limits apply across
the operating temperature range, -40°C to +125°C. Temperature data established by characterization.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNITS
DC SPECIFICATIONS
VOS
Input Offset Voltage
8 Ld SOIC
-240
-250
20
240
250
µV
8 Ld MSOP
-270
-530
20
270
530
µV
Input Offset Voltage vs Temperature
0.4
µV/°C
IOS
Input Offset Current
8 Ld SOIC
TA = -40°C to +125°C
-10
-30
210
30
nA
8 Ld MSOP
TA = -40°C to +125°C
-23
-50
223
50
nA
IB
Input Bias Current
8 Ld SOIC
TA = -40°C to +125°C
-40
-50
640
50
nA
8 Ld MSOP
TA = -40°C to +125°C
-50
-70
650
70
nA
VCM
Common-Mode Voltage Range
Guaranteed by CMRR
0
5
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 5V
90
90
115
dB
PSRR
Power Supply Rejection Ratio
V+ = 2.4V to 5.5V
90
90
100
dB
AVOL
Large Signal Voltage Gain
8 Ld SOIC
VO = 0.5V to 4V, RL = 100KΩto VCM
600
500
1600
V/mV
8 Ld MSOP
VO = 0.5V to 4V, RL = 100kΩto VCM
600
400
1600
V/mV
VO = 0.5V to 4V, RL = 1kΩto VCM
100
V/mV
V
OS
T
----------------
ISL28236


同様の部品番号 - ISL28236FBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28236FBZ RENESAS-ISL28236FBZ Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236FBZ-T7 INTERSIL-ISL28236FBZ-T7 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28236FBZ-T7 RENESAS-ISL28236FBZ-T7 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28236FBZ-T7A RENESAS-ISL28236FBZ-T7A Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
More results

同様の説明 - ISL28236FBZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28236 RENESAS-ISL28236 Datasheet
993Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
logo
Intersil Corporation
ISL28236 INTERSIL-ISL28236 Datasheet
715Kb / 13P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amp
ISL28146_0806 INTERSIL-ISL28146_0806 Datasheet
820Kb / 16P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28146 INTERSIL-ISL28146 Datasheet
778Kb / 15P
   5MHz, Single and Dual Rail-to-Rail Input-Output (RRIO) Op Amps
ISL28136 INTERSIL-ISL28136 Datasheet
767Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output RRIO Op Amp
ISL28136 INTERSIL-ISL28136_11 Datasheet
957Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Renesas Technology Corp
ISL28136 RENESAS-ISL28136 Datasheet
1,000Kb / 14P
   5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com