データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28127FUBZ データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL28127FUBZ
部品情報  Precision Single and Dual Low Noise Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28127FUBZ データシート(HTML) 1 Page - Intersil Corporation

  ISL28127FUBZ Datasheet HTML 1Page - Intersil Corporation ISL28127FUBZ Datasheet HTML 2Page - Intersil Corporation ISL28127FUBZ Datasheet HTML 3Page - Intersil Corporation ISL28127FUBZ Datasheet HTML 4Page - Intersil Corporation ISL28127FUBZ Datasheet HTML 5Page - Intersil Corporation ISL28127FUBZ Datasheet HTML 6Page - Intersil Corporation ISL28127FUBZ Datasheet HTML 7Page - Intersil Corporation ISL28127FUBZ Datasheet HTML 8Page - Intersil Corporation ISL28127FUBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
DATASHEET
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas LLC 2009, 2010, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
Precision Single and Dual Low Noise Operational
Amplifiers
ISL28127, ISL28227
The ISL28127 and ISL28227 are very high precision amplifiers
featuring very low noise, low offset voltage, low input bias
current and low temperature drift making them the ideal
choice for applications requiring both high DC accuracy and AC
performance. The combination of precision, low noise, and
small footprint provides the user with outstanding value and
flexibility relative to similar competitive parts.
Applications for these amplifiers include precision active
filters, medical and analytical instrumentation, precision
power supply controls, and industrial controls.
The ISL28127 single and ISL28227 dual are available in an 8
Ld SOIC, TDFN and MSOP packages. All devices are offered in
standard pin configurations and operate over the extended
temperature range to -40°C to +125°C.
Features
• Very Low Voltage Noise . . . . . . . . . . . . . . . . . . . . . . . .2.5nV/Hz
• Low Input Offset. . . . . . . . . . . . . . . . . . . . . . . . . . . . 70µV, Max.
• Superb Offset Drift. . . . . . . . . . . . . . . . . . . . . . 0.5µV/°C, Max.
• Input Bias Current . . . . . . . . . . . . . . . . . . . . . . . . . . 10nA, Max.
• Wide Supply Range . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 40V
• Gain-bandwidth Product . . . . . . . . . 10MHz Unity Gain Stable
• No Phase Reversal
Applications
• Precision Instruments
• Medical Instrumentation
• Industrial Controls
• Active Filter Blocks
• Data Acquisition
• Power Supply Control
Related Literature
• AN1508: ISL281x7SOICEVAL1Z Evaluation Board User’s
Guide
• AN1509: ISL282x7SOICEVAL1Z Evaluation Board User’s
Guide
-
+
OUTPUT
V+
R1
V-
R2
C1
C2
Sallen-Key Low Pass Filter (1MHz)
VIN
95.3
232
68.3nF
1.5nF
FIGURE 1. TYPICAL APPLICATION
FREQUENCY (Hz)
1
10
100
0.1
1
10
100
1k
10k
100k
VS = ±19V
AV = 1
FIGURE 2. INPUT NOISE VOLTAGE SPECTRAL DENSITY
September 10, 2015
FN6633.7


同様の部品番号 - ISL28127FUBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28127FUBZ INTERSIL-ISL28127FUBZ Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127FUBZ INTERSIL-ISL28127FUBZ Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127FUBZ RENESAS-ISL28127FUBZ Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
More results

同様の説明 - ISL28127FUBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
   Precision Single and Dual Low Noise Operational Amplifiers
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
   Precision Single and Dual Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com