データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54062IRTZ データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL54062IRTZ
部品情報  Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54062IRTZ データシート(HTML) 2 Page - Intersil Corporation

  ISL54062IRTZ Datasheet HTML 1Page - Intersil Corporation ISL54062IRTZ Datasheet HTML 2Page - Intersil Corporation ISL54062IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54062IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54062IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54062IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54062IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54062IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54062IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN6581.1
November 3, 2009
Pinout (Note 1)
ISL54062
(10 LD TDFN)
TOP VIEW
ISL54062
(10 LD µTQFN)
TOP VIEW
NOTE:
1. Switches Shown for INx = Logic “0”.
IN1
NO1
COM1
NC1
GND
IN2
NO2
COM2
NC2
V+
1
2
3
4
5
10
9
8
7
6
CLICK
AND POP
CIRCUITRY
GND
V+
NC2
COM2
NO2
NC1
COM1
NO1
IN1
IN2
1
2
3
4
5
10
9
8
7
6
CLICK
AND POP
CIRCUITRY
Truth Table
IN1
IN2
NC1
NO1
NC2
NO2
0
0
ON
OFF
ON
OFF
0
1
ON
OFF
OFF
ON
10
OFF
ON
ON
OFF
1
1
OFF
ON
OFF
ON
NOTE:
Logic “0”
≤0.5V. Logic “1” ≥1.4V with a 3V supply.
Pin Descriptions
PIN
FUNCTION
V+
IC Power Supply (+1.8V to +6.5V). Decouple V+ to
ground by placing a 0.1µF capacitor at the V+ and GND
supply lines as near as the IC as possible.
GND
Ground Connection
INx
Digital Control Input
COMx
Analog Switch Common Pin
NOx
Analog Switch Normally Open Pin
NCx
Analog Switch Normally Closed Pin
Ordering Information
PART
NUMBER
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL54062IRTZ
(Note 3)
4062
-40 to +85
10 Ld 3x3 TDFN
L10.3x3A
ISL54062IRTZ-T
(Notes 2, 3)
4062
-40 to +85
10 Ld 3x3 TDFN (Tape and Reel)
L10.3x3A
ISL54062IRUZ-T
(Notes 2, 4)
8
-40 to +85
10 Ld Thin µTQFN (Tape and Reel)
L10.1.8x1.4A
NOTES:
2. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu
plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL54062


同様の部品番号 - ISL54062IRTZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
logo
Renesas Technology Corp
ISL54062IRTZ RENESAS-ISL54062IRTZ Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54062IRTZ-T INTERSIL-ISL54062IRTZ-T Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
logo
Renesas Technology Corp
ISL54062IRTZ-T RENESAS-ISL54062IRTZ-T Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
More results

同様の説明 - ISL54062IRTZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54062 RENESAS-ISL54062 Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54063IRTZ INTERSIL-ISL54063IRTZ Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54065 RENESAS-ISL54065 Datasheet
983Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
ISL54063 RENESAS-ISL54063 Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54065IRUZ-T INTERSIL-ISL54065IRUZ-T Datasheet
719Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
November 3, 2009
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
FN6579 INTERSIL-FN6579 Datasheet
640Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com