データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28230CUZ データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL28230CUZ
部品情報  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28230CUZ データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL28230CUZ Datasheet HTML 7Page - Intersil Corporation ISL28230CUZ Datasheet HTML 8Page - Intersil Corporation ISL28230CUZ Datasheet HTML 9Page - Intersil Corporation ISL28230CUZ Datasheet HTML 10Page - Intersil Corporation ISL28230CUZ Datasheet HTML 11Page - Intersil Corporation ISL28230CUZ Datasheet HTML 12Page - Intersil Corporation ISL28230CUZ Datasheet HTML 13Page - Intersil Corporation ISL28230CUZ Datasheet HTML 14Page - Intersil Corporation ISL28230CUZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ISL28130, ISL28230, ISL28430
11
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7623.7
February 13, 2014
For additional products, see www.intersil.com/en/products.html
Applications Information
Functional Description
The ISL28130, ISL28230 and ISL28430 are low offset and low
drift operational amplifiers with a very high open loop gain
(150dB) and rail-to-rail input/output. They are designed to
operate on a single supply range of 1.8V to 5.5V or a dual supply
range of ±0.9V to ±2.75V while consuming only 20µA of supply
current per channel. The ISL28130, ISL28230 and ISL28430
have a 400kHz gain-bandwidth.
The high open loop gain, low offset voltage, high bandwidth and
low 1/f noise make the ISL28130, ISL28230 and ISL28430
ideal for precision applications.
Rail-to-rail Input and Output (RRIO)
The RRIO CMOS amplifier uses parallel input PMOS and NMOS
that enable the inputs to swing 100mV beyond either supply rail.
The inverting and non-inverting inputs do not have back-to-back
input clamp diodes and are capable of maintaining high input
impedance at high differential input voltages. This is effective in
eliminating output distortion caused by high slew rate input
signals.
The output stage uses common source connected PMOS and
NMOS devices to achieve rail-to-rail output drive capability with
15mA current limit and the capability to swing to within 50mV of
either rail while driving a 10kΩ load.
IN+ and IN- Protection
All input terminals have internal ESD protection diodes to both
positive and negative supply rails, limiting the input voltage to
within one diode beyond the supply rails. For applications in which
either input is expected to exceed the rails by 0.5V, an external
series resistor must be used to ensure the input currents never
exceed 20mA (see Figure 23).
Layout Guidelines for High Impedance Inputs
To achieve maximum performance from the high input impedance
and low offset voltage of the ISL28130, ISL28230 and ISL28430
amplifiers, care should be taken in the circuit board layout. The PC
board surface must remain clean and free of moisture to avoid
leakage currents between adjacent traces. Surface coating of the
circuit board reduces surface moisture and provides a humidity
barrier, reducing parasitic resistance on the board.
High Gain, Precision DC-Coupled Amplifier
The circuit in Figure 24 implements a single-stage DC-coupled
amplifier with an input DC sensitivity of under 100nV that is only
possible using a low VOS amplifier with high open loop gain. High
gain DC amplifiers operating from low voltage supplies are not
practical using typical low offset precision op amps. For example,
consider a typical precision amplifier in a gain of 10kV/V. A low
offset op amp with ±100µV VOS and 0.5µV/°C offset drift yields
a DC error of >1V, with an additional 5mV/°C of
temperature-dependent error. This amount of error makes it
difficult to resolve DC input voltage changes in the mV range.
The ±40µV max VOS and 150nV/°C temperature drift of the
ISL28130, ISL28230, and ISL28430 produce a
temperature-stable maximum DC output error of only ±400mV,
with a maximum output temperature drift of 1.5mV/°C. The
additional benefit of a very low 1/f noise corner frequency and
some feedback filtering allows DC voltages and voltage
fluctuations well below 10µV to be easily detected with a simple,
single-stage amplifier.
FIGURE 23. INPUT CURRENT LIMITING
-
+
RIN
RL
VIN
VOUT
FIGURE 24. HIGH GAIN, PRECISION DC-COUPLED AMPLIFIER
-
+
100Ω
RL
VIN
VOUT
1MΩ
1MΩ
100Ω
-2.5V
+2.5V
ACL = 10kV/V
CF
0.018µF


同様の部品番号 - ISL28230CUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28230CUZ INTERSIL-ISL28230CUZ Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28230CUZ INTERSIL-ISL28230CUZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28230CUZ RENESAS-ISL28230CUZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28230CUZ-T7 INTERSIL-ISL28230CUZ-T7 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28230CUZ-T7A INTERSIL-ISL28230CUZ-T7A Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results

同様の説明 - ISL28230CUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com