データシートサーチシステム |
|
ISL54100CQZ データシート(PDF) 3 Page - Intersil Corporation |
|
ISL54100CQZ データシート(HTML) 3 Page - Intersil Corporation |
3 / 21 page 3 FN6275.5 June 4, 2008 Absolute Maximum Ratings Thermal Information Voltage on VD (referenced to GND). . . . . . . . . . . . . . . . . . . . . . 4.0V Voltage on any Input Pin (referenced to GND) . . . -0.3V to VD+0.3V Voltage on any “5V Tolerant” Input Pin (referenced to GND). . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.0V Current into any Output Pin . . . . . . . . . . . . . . . . . . . . . . . . . . ±20mA ESD Classification Human Body Model . . . >4000V, higher voltage testing in progress Machine Model . . . . . . . . >200V, higher voltage testing in progress Thermal Resistance (Typical, Note 1) θ JA (°C/W) MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 Maximum Biased Junction Temperature . . . . . . . . . . . . . . . . +125°C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp Recommended Operating Conditions Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VD = 3.3V CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. NOTE: 1. θ JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. Electrical Specifications Specifications apply for VD = 3.3V, pixel rate = 165MHz, TA = +25°C, RES_TERM = 1kΩ, RES_BIAS = 3.16kΩ, TMDS output load = 50 Ω, TMDS output termination voltage V TERM = 3.0V unless otherwise noted. SYMBOL PARAMETER COMMENT MIN (Note 2) TYP MAX (Note 2) UNIT FULL CHANNEL CHARACTERISTICS fDATA_MAX Maximum Rx Clock Frequency/Pixel Rate (Note 3) 165 225 MHz fDATA_MIN Minimum Rx Clock Frequency/Pixel Rate 25 MHz TMDS RECEIVER CHARACTERISTICS VSENS Minimum Differential Input Sensitivity 50 150 mVP-P R50 50 Ω Termination Resistance 45 50 55 Ω R100 100 Ω Termination Resistance 90 97 110 Ω CLKDUTY Rx Clock Duty Cycle 20 80 % TMDS TRANSMITTER CHARACTERISTICS jTX_CLOCK Total Jitter on Clock Outputs Independent of incoming jitter 32 ps jTX_DATA Total Jitter on Data Outputs Independent of incoming jitter 52 ps SKEWINTRA Intra-Pair (+ to -) Differential Skew ±4 ps SKEWINTER Inter-Pair (channel-to-channel) Skew Added with respect to incoming inter-pair skew 2UI tRISE Rise Time into 50 Ω Load to 3.3V 20% to 80% 80 240 ps tFALL Fall Time into 50 Ω Load to 3.3V 20% to 80% 80 240 ps TX VOH Single-Ended High Level Output Voltage VTERM - 10 VTERM + 10 mV TX VOL Single-Ended Low Level Output Voltage VTERM - 600 VTERM - 400 mV DIGITAL SCHMITT INPUT CHARACTERISTICS VIH High Threshold Voltage 2.0 V VIL High to Low Threshold Voltage 0.8 V I Input Leakage Current ±10 nA RPU Internal Pull-Up Resistance SDA and SCL pins 65 k Ω RPD Internal Pull-Down Resistance AUTO_CH_SEL, CH_SEL_x, RESET, ADDRx, PD pins 60 k Ω CIN Input Capacitance 5pF ISL54100, ISL54101, ISL54102 ISL54100, ISL54101, ISL54102 |
同様の部品番号 - ISL54100CQZ |
|
同様の説明 - ISL54100CQZ |