データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54102CQZ データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL54102CQZ
部品情報  TMDS Regenerators with Multiplexers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54102CQZ データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL54102CQZ Datasheet HTML 5Page - Intersil Corporation ISL54102CQZ Datasheet HTML 6Page - Intersil Corporation ISL54102CQZ Datasheet HTML 7Page - Intersil Corporation ISL54102CQZ Datasheet HTML 8Page - Intersil Corporation ISL54102CQZ Datasheet HTML 9Page - Intersil Corporation ISL54102CQZ Datasheet HTML 10Page - Intersil Corporation ISL54102CQZ Datasheet HTML 11Page - Intersil Corporation ISL54102CQZ Datasheet HTML 12Page - Intersil Corporation ISL54102CQZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
FN6275.5
June 4, 2008
Register Listing
ADDRESS
REGISTER (DEFAULT VALUE)
BIT(S)
FUNCTION NAME
DESCRIPTION
0x00
Device ID (read only)
3:0
Device Revision
1 = initial silicon, 2 = second revision, etc.
7:4
Device ID
3 = ISL5410x
0x01
Channel Activity Detect (read only)
0
Channel A Active
0: TMDS clock not present on Channel A
1: TMDS clock detected on Channel A
1
Channel B Active
0: TMDS clock not present on Channel B
1: TMDS clock detected on Channel B
2
Channel C Active
0: TMDS clock not present on Channel C
1: TMDS clock detected on Channel C
3
Channel D Active
0: TMDS clock not present on Channel D
1: TMDS clock detected on Channel D
0x02
Channel Selection (0x0C)
1:0
Channel Select
Selects the input channel for the mux. These 2 bits are Read
Only if Auto Channel Select is enabled.
0: Channel A selected
1: Channel B selected
2: Channel C selected
3: Channel D selected
2
Auto Channel Select 0: Manual Channel Select (using bits 0 and 1).
1: Auto Channel Select. Mux always selects the active
channel with the highest priority. A = 1st (highest), B = 2nd,
C = 3rd, D = 4th (lowest) priority.
An active channel is a channel that has clock activity on its
TMDS clock lines. If no channels are active, the A channel
is selected. (default)
3
Hardware Channel
Select
0: Software channel selection (using bits 0-2 of this register)
1: Hardware channel selection (using “Auto Channel Select”
and “CH Sel 0/1” external pins) (default)
4
Reset
Full chip reset. Write a 1 to reset. Will set itself to 0 when
reset is complete.
5
Power-down
0: Normal Operation
1: Puts the chip in a minimal power consumption mode,
turning off all TMDS outputs and open-circuiting all TMDS
inputs.
This bit is OR'ed with the Power-down input pin. If either is
set, the chip will enter power-down. Serial
I/O stays operational in PD mode.
Note: When exiting Power-down, a termination resistor
Recalibration cycle must be run to re-trim the termination
resistors (see register 0x03[7]).
ISL54100, ISL54101, ISL54102


同様の部品番号 - ISL54102CQZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54102CQZ INTERSIL-ISL54102CQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Renesas Technology Corp
ISL54102CQZ RENESAS-ISL54102CQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
More results

同様の説明 - ISL54102CQZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54100 RENESAS-ISL54100 Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54100 INTERSIL-ISL54100 Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
ISL54100A INTERSIL-ISL54100A Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
ISL54100ACQZ INTERSIL-ISL54100ACQZ Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
June 17, 2008
logo
Renesas Technology Corp
ISL54100A RENESAS-ISL54100A Datasheet
1Mb / 21P
   TMDS Regenerators with Multiplexers
logo
Intersil Corporation
ISL54105A INTERSIL-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
List of Unclassifed Man...
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
   TMDS Receiver
logo
Renesas Technology Corp
ISL54105A RENESAS-ISL54105A Datasheet
1Mb / 16P
   TMDS Regenerator
logo
Intersil Corporation
ISL54105ACRZ INTERSIL-ISL54105ACRZ Datasheet
1Mb / 16P
   TMDS Regenerator
June 4, 2008
ISL54105 INTERSIL-ISL54105 Datasheet
1Mb / 16P
   TMDS Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com