データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54064IRUZ-T データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL54064IRUZ-T
部品情報  Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54064IRUZ-T データシート(HTML) 2 Page - Intersil Corporation

  ISL54064IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54064IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54064IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54064IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54064IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54064IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54064IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54064IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54064IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6582.1
November 3, 2009
Pinouts (Note 1)
ISL54063
(10 LD TDFN)
TOP VIEW
ISL54064
(10 LD TDFN)
TOP VIEW
ISL54063
(10 LD µTQFN)
TOP VIEW
ISL54064
(10 LD µTQFN)
TOP VIEW
NOTE:
1. Switches Shown for INx = Logic “0”.
IN1
NO1
COM1
N.C.
GND
IN2
NO2
COM2
N.C.
V+
1
2
3
4
5
10
9
8
7
6
CLICK AND
CIRCUITRY
POP
IN1
N.C.
COM1
NC1
GND
IN2
N.C.
COM2
NC2
V+
1
2
3
4
5
10
9
8
7
6
CLICK AND
CIRCUITRY
POP
GND
V+
N.C.
COM2
NO2
N.C.
COM1
NO1
IN1
IN2
1
2
3
4
5
10
9
8
7
6
CLICK AND
CIRCUITRY
POP
GND
V+
NC2
COM2
N.C.
NC1
COM1
N.C.
IN1
IN2
1
2
3
4
5
10
9
8
7
6
CLICK AND
CIRCUITRY
POP
Truth Table
INx
ISL54063
NOx to COMx
ISL54064
NCx to COMx
0OFF
ON
1ON
OFF
NOTE:
Logic “0”
≤0.5V. Logic “1” ≥1.4V with a 3V supply.
Pin Descriptions
PIN
FUNCTION
V+
IC Power Supply (+1.8V to +6.5V). Decouple V+ to
ground by placing a 0.1µF capacitor at the V+ and GND
supply lines as near as the IC as possible.
GND
Ground Connection
INx
Digital Control Input
COM
Analog Switch Common Pin
NOx
Analog Switch Normally Open Pin
NCx
Analog Switch Normally Closed Pin
N.C.
No Connect
ISL54063, ISL54064


同様の部品番号 - ISL54064IRUZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54064IRUZ-T INTERSIL-ISL54064IRUZ-T Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
ISL54064IRUZ-T INTERSIL-ISL54064IRUZ-T Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST
logo
Renesas Technology Corp
ISL54064IRUZ-T RENESAS-ISL54064IRUZ-T Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
More results

同様の説明 - ISL54064IRUZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54063 RENESAS-ISL54063 Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54062 RENESAS-ISL54062 Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
ISL54065 RENESAS-ISL54065 Datasheet
983Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
logo
Intersil Corporation
ISL54065IRUZ-T INTERSIL-ISL54065IRUZ-T Datasheet
719Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
November 3, 2009
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com