データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CBB データシート(PDF) 1 Page - Vishay Siliconix

部品番号 CBB
部品情報  Thin Film Binary MOS Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CBB データシート(HTML) 1 Page - Vishay Siliconix

  CBB_15 Datasheet HTML 1Page - Vishay Siliconix CBB_15 Datasheet HTML 2Page - Vishay Siliconix CBB_15 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CBB, CBC
www.vishay.com
Vishay Electro-Films
Revision: 24-Sep-13
1
Document Number: 61042
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Binary MOS Capacitors
Product may not be to scale
The CBB and CBC MOS capacitor chips each contain five
different capacitors in binary increments allowing the user
many choices in value selection.
These chips are manufactured using Vishay Electro-Films
(EFI) sophisticated Thin Film equipment and manufacturing
technology. The CBB and CBCs are 100 % electrically
tested and visually inspected to MIL-STD-883, method
2032, class H or K.
FEATURES
• Wire bondable
• User value selection
• Five capacitors on a 0.019" x 0.048" (CBB)
or 0.044" x 0.044" (CBC) chip
• Case size: 0402, 0404
• Capacitance range: Up to 93 pF in binary
increments
• Dielectric: Silicon dioxide
• Low dielectric loss
• Substrate: Silicon with gold backing
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Vishay EFI CBB and CBC binary MOS multi-value capacitor
chips are designed to be a useful device for trimming hybrid
circuits by adding or subtracting capacitance, using normal
wire-bonding techniques.
WV (DC) VALUES AND TOLERANCES
CAPACITOR MODEL
CBB
CBC
UNIT
Case Size
0402
0404
Total Capacitance
up to 31
up to 93
pF
Capacitance Values (31 pF / 93 pF)
1, 2, 4, 8, 16
3, 6, 12, 24, 48
pF
Tolerance
± 10
± 10
%
DC Working Voltage
75
75
V
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Capacitance Range,
CBB
up to 31
pF
CBC
up to 93
Maximum Working Voltage
75
V
Peak Voltage at +25 °C
1.5 x working voltage
Dissipation Factor, 1 kHz, 1 VRMS, +25 °C
0.1 %
%
Q at 1 mHz, 50 mVRMS, +25 °C
1000 min.
TCC, -55 °C to +150 °C
+ 15 ± 25
ppm/°C
Insulation Resistance at Working Voltage, +25 °C
109 min.
Operating Temperature Range
-55 to +15
°C
Thermal Shock
± 0.25 + 0.25 pF max.
C/C
%
Moisture Resistance, MIL-STD-202, Method 106
± 1.0 + 0.25 pF max.
C/C
%
Short Time Overload, +25 °C, 5 s; 1.5 x Working Voltage
± 0.25 + 0.25 pF max.
C/C
%
High Temperature Exposure: 100 h at +150 °C Ambient
± 0.25 + 0.25 pF max.
%
Life, MIL-STD-202, Method 108,
Condition D, +125 °C Ambient, 1000 h at Working Voltage
± 2.0 + 0.25 pF max.
C/C
%


同様の部品番号 - CBB_15

メーカー部品番号データシート部品情報
logo
Surge Components
CBB21 SURGE-CBB21 Datasheet
195Kb / 3P
   Metallized polypropylene film
logo
Vishay Siliconix
CBB3100BKAHWS VISHAY-CBB3100BKAHWS Datasheet
63Kb / 3P
   Thin Film Binary MOS Capacitors
01-Jan-2022
CBB3100BKAKWS VISHAY-CBB3100BKAKWS Datasheet
63Kb / 3P
   Thin Film Binary MOS Capacitors
01-Jan-2022
CBB3100BKGHWS VISHAY-CBB3100BKGHWS Datasheet
63Kb / 3P
   Thin Film Binary MOS Capacitors
01-Jan-2022
CBB3100BKGKWS VISHAY-CBB3100BKGKWS Datasheet
63Kb / 3P
   Thin Film Binary MOS Capacitors
01-Jan-2022
More results

同様の説明 - CBB_15

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
CBA VISHAY-CBA_V01 Datasheet
68Kb / 3P
   Thin Film Binary MOS Capacitors
01-Jan-2022
logo
M-System Co.,Ltd.
CBA MSYSTEM-CBA Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBB VISHAY-CBB Datasheet
80Kb / 3P
   Thin Film Binary MOS Capacitors
logo
M-System Co.,Ltd.
CBB MSYSTEM-CBB Datasheet
80Kb / 3P
   Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBB VISHAY-CBB_V01 Datasheet
63Kb / 3P
   Thin Film Binary MOS Capacitors
01-Jan-2022
CBA VISHAY-CBA_15 Datasheet
76Kb / 3P
   Thin Film Binary MOS Capacitors
Revision: 02-May-13
CBA VISHAY-CBA Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
BRCP VISHAY-BRCP Datasheet
240Kb / 6P
   Thin Film Bar MOS Capacitors
Revision: 22-Jan-15
BRCP VISHAY-BRCP_V01 Datasheet
222Kb / 6P
   Thin Film Bar MOS Capacitors
01-Jan-2022
logo
AVX Corporation
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
   Thin-Film Chip Capacitors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com