データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N3211R データシート(PDF) 1 Page - GeneSiC Semiconductor, Inc.

部品番号 1N3211R
部品情報  High Surge Capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENESIC [GeneSiC Semiconductor, Inc.]
ホームページ  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

1N3211R データシート(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  1N3211R Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. 1N3211R Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. 1N3211R Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 300 V
IF = 15 A
Features
• High Surge Capability
DO-5 Package
• Not ESD Sensitive
Note:
1. Standard polarity: Stud is cathode.
3. Stud is base.
Parameter
Symbol
1N3208 (R) 1N3209 (R)
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Silicon Standard
Recovery Diode
Conditions
300
210
300
200
1N3208 thru 1N3211R
1N3211 (R)
200
140
1N3210 (R)
Maximum ratings, at Tj = 25 °C, unless otherwise specified
• Types from 50 V to 300 V VRRM
2. Reverse polarity (R): Stud is anode.
DC blocking voltage
VDC
50
100
V
Continuous forward current
IF
15
15
A
Operating temperature
Tj
-55 to 150 -55 to 150
°C
Storage temperature
Tstg
-55 to 150 -55 to 150
°C
Parameter
Symbol
1N3208 (R) 1N3209 (R)
Unit
Diode forward voltage
1.5
1.5
10
10
μA
10
10
mA
Thermal characteristics
Thermal resistance, junction -
case
RthJC
0.65
0.65
°C/W
V
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
-55 to 150
-55 to 150
TC = 25 °C, tp = 8.3 ms
300
200
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
1N3210 (R)
0.65
VR = 50 V, Tj = 150 °C
0.65
1.5
1.5
10
VR = 50 V, Tj = 25 °C
IF = 15 A, Tj = 25 °C
TC ≤ 150 °C
Conditions
297
297
-55 to 150
15
15
-55 to 150
10
A
297
Reverse current
IR
VF
297
1N3211 (R)
10
10
www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
1


同様の部品番号 - 1N3211R

メーカー部品番号データシート部品情報
logo
International Rectifier
1N3211R IRF-1N3211R Datasheet
93Kb / 4P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Vishay Siliconix
1N3211R VISHAY-1N3211R Datasheet
80Kb / 4P
   Stud-Mounted Silicon Rectifier Diodes, 15 A
Revision: 24-Jun-08
logo
America Semiconductor, ...
1N3211R AMERICASEMI-1N3211R Datasheet
408Kb / 2P
   DEVICE HIGH POWER STANDARD
logo
GeneSiC Semiconductor, ...
1N3211R GENESIC-1N3211R Datasheet
679Kb / 3P
   Silicon Standard Recovery Diode
1N3211R GENESIC-1N3211R Datasheet
777Kb / 3P
   Silicon Standard Recovery Diode
More results

同様の説明 - 1N3211R

メーカー部品番号データシート部品情報
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
MBR200100CTS GENESIC-MBR200100CTS Datasheet
384Kb / 3P
   High Surge Capability
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
   High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
   High Surge Capability
1N4593R GENESIC-1N4593R Datasheet
722Kb / 3P
   High Surge Capability
1N6098R GENESIC-1N6098R Datasheet
355Kb / 3P
   High Surge Capability
FR12MR05 GENESIC-FR12MR05 Datasheet
728Kb / 3P
   High Surge Capability
FR16JR05 GENESIC-FR16JR05 Datasheet
747Kb / 3P
   High Surge Capability
FR16MR05 GENESIC-FR16MR05 Datasheet
746Kb / 3P
   High Surge Capability
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com