データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL55143IRZ データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL55143IRZ
部品情報  High-Speed 18V CMOS Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55143IRZ データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL55143IRZ Datasheet HTML 2Page - Intersil Corporation ISL55143IRZ Datasheet HTML 3Page - Intersil Corporation ISL55143IRZ Datasheet HTML 4Page - Intersil Corporation ISL55143IRZ Datasheet HTML 5Page - Intersil Corporation ISL55143IRZ Datasheet HTML 6Page - Intersil Corporation ISL55143IRZ Datasheet HTML 7Page - Intersil Corporation ISL55143IRZ Datasheet HTML 8Page - Intersil Corporation ISL55143IRZ Datasheet HTML 9Page - Intersil Corporation ISL55143IRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN6230.4
August 13, 2015
Application Information
The ISL55141, ISL55142, ISL55143 provide 1, 2 and 4 dual
threshold, three-state window comparator(s) in TSSOP or
QFN footprints. They offer a combination of speed (10ns Tpd
and wide voltage range (18V). This product directly
addresses the need for unique common-mode
characteristics while supplying a power-down feature.
Figures 4 and 5 show the stimulus setup and measurement
points for an example propagation delay measurement.
Typical room temperature results are displayed in Figure 12.
Figure 5 shows a VINP range of 50mV. In Figure 12 the
offset is increased in the horizontal axis from 50mV above
and below the reference (1.5V) up to 2.5V above and below
the 1.5V reference.
Two lines are displayed in Figure 12. One represents the
rising-to-rising delay (tPDLH) and the other the
falling-to-falling delay (tPDHL).
Comparator Features
These three-state window comparators feature high output
current capability, and user defined high and low output levels
to interface with a wide variety of logic families. Each receiver
comprises two comparators and each comparator has an
independent threshold level input, making it easy to
implement (Minimum1-VIH)/(Maximum 0-VIL) logic level
comparator functions. The CVAX and CVBX pins set the
threshold levels of the A and B comparators respectively. VOH
and VOL set all the comparator output levels, and VOH must
be more positive than VOL. These two inputs are unbuffered
supply pins, so the sources driving these pins must provide
adequate current for the expected load. VOH and VOL
typically connect to the power supplies of the logic device
driven by the comparator outputs.
The truth table for the receivers is given in Table 1. Receiver
outputs are not tri-statable, and do not incorporate any on-chip
short circuit current protection. Momentary short circuits to
GND, or any supply voltage, will not cause permanent
damage, but care must be taken to avoid longer duration short
circuits. If tolerable to the application, current limiting resistors
can be inserted in series with the QAX and QBX outputs to
protect the receiver outputs from damage due to overcurrent
conditions.
Power-down Features
The ISL55141, ISL55142, ISL55143 PD pin provides a
means of reducing current consumption when the device is
not in use. Supply currents fall from ~7mA to less than 10µA
in the power-down mode. The device requires approximately
10µs to power-down and 15µs to power-up.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, good printed circuit
board layout is necessary for optimum performance. Ground
plane construction is highly recommended, lead lengths
should be as short as possible, and the power supply pins
must be well bypassed to reduce the risk of oscillation. For
normal single supply operation, where the VEE pin is
connected to ground, one 0.1µF ceramic capacitor should be
placed from the VCC pin to ground. A 4.7µF tantalum
capacitor should then be connected from the VCC pin to
ground. This same capacitor combination should be placed
at each supply pin to ground if split supplies are to be used.
Power Dissipation Considerations
Specifying continuous data rates, driver loads and driver
level amplitudes are key in determining power supply
requirements as well as dissipation/cooling necessities.
Driver output patterns also impact these needs. The faster
the pin activity, the greater the need to supply current and
remove heat.
FIGURE 4. tPD RECEIVER SWITCHING TEST CIRCUIT
FIGURE 5. tPD RECEIVER PROPAGATION DELAY
MEASUREMENT POINTS
Test Circuits and Waveforms (Continued)
+
-
+
-
VINP
QA
QB
+11 VCC
-3 VEE
CVA 1.5V
CVB 1.5V
+5V-VOH
VOL
QX
50mV
-50mV
tPDLH
VOH (5V)
VOL (0V)
50%
50%
tPDHL
VINP
1.5V
1.5V
CVA = CVB = 1.5V
ISL55141, ISL55142, ISL55143


同様の部品番号 - ISL55143IRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL55143IRZ INTERSIL-ISL55143IRZ Datasheet
370Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55143IRZ INTERSIL-ISL55143IRZ Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
logo
Renesas Technology Corp
ISL55143IRZ RENESAS-ISL55143IRZ Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
More results

同様の説明 - ISL55143IRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141_11 Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55141_0607 INTERSIL-ISL55141_0607 Datasheet
370Kb / 14P
   High-Speed 18V CMOS Comparators
logo
Renesas Technology Corp
ISL55141 RENESAS-ISL55141 Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
   HIGH SPEED DUAL COMPARATORS
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com