データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59420IUZ データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL59420IUZ
部品情報  400MHz Multiplexing Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59420IUZ データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL59420IUZ Datasheet HTML 5Page - Intersil Corporation ISL59420IUZ Datasheet HTML 6Page - Intersil Corporation ISL59420IUZ Datasheet HTML 7Page - Intersil Corporation ISL59420IUZ Datasheet HTML 8Page - Intersil Corporation ISL59420IUZ Datasheet HTML 9Page - Intersil Corporation ISL59420IUZ Datasheet HTML 10Page - Intersil Corporation ISL59420IUZ Datasheet HTML 11Page - Intersil Corporation ISL59420IUZ Datasheet HTML 12Page - Intersil Corporation ISL59420IUZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ISL59420
9
FN7459.2
July 3, 2012
AC Test Circuits
FIGURE 25A. TEST CIRCUIT FOR MEASURING WITH A 50
Ω OR 75Ω
INPUT TERMINATED EQUIPMENT
FIGURE 25B. BACKLOADED TEST CIRCUIT FOR VIDEO CABLE
APPLICATION. BANDWIDTH AND LINEARITY FOR RL
LESS THAN 500
Ω WILL BE DEGRADED.
NOTE: Figure 25A illustrates the optimum output load when connecting to input terminated equipment. Figure 26B illustrates backloaded test circuit for
video cable applications.
ISL59420
RS
CL
VIN
TEST
50
Ω
or
75
Ω
50
Ω
or
75
Ω
50
Ω
or
75
Ω
AV = 1, 2
475
Ω
or
462.5
Ω
RG
RF
EQUIPMENT
ISL59420
RS
CL
VIN
50
Ω or 75Ω
TEST
50
Ω
or
75
Ω
50
Ω
or
75
Ω
AV = 1, 2
RG
RF
EQUIPMENT
Application Circuits
FIGURE 26A. GAIN OF 1 APPLICATION CIRCUIT
FIGURE 26B. GAIN OF 2 APPLICATION CIRCUIT
VIN
50
Ω
200
Ω
CG
-
+
0.4pF < CG < 0.7pF
0.6pF
PC BOARD
CAPACITANCE
*CL: TOTAL LOAD CAPACITANCE
COUT: OUTPUT CAPACITANCE
CT: TRACE CAPACITANCE
COUT
RL = 500Ω
VOUT
3.9pF
*CL = CT + COUT
CT
1.6pF
VIN
50
Ω
453
Ω
CG
-
+
453
Ω
0.4pF < CG < 0.7pF
0.6pF
PC BOARD
CAPACITANCE
COUT
RL = 500Ω
VOUT
3.9pF
*CL = CT + COUT
CT
1.6pF


同様の部品番号 - ISL59420IUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420IUZ RENESAS-ISL59420IUZ Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59420IUZ-T13 INTERSIL-ISL59420IUZ-T13 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420IUZ-T13 RENESAS-ISL59420IUZ-T13 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59420IUZ-T7 INTERSIL-ISL59420IUZ-T7 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
More results

同様の説明 - ISL59420IUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com