データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59420IUZ-T13 データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL59420IUZ-T13
部品情報  400MHz Multiplexing Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59420IUZ-T13 データシート(HTML) 1 Page - Intersil Corporation

  ISL59420IUZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2005, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
400MHz Multiplexing Amplifier
ISL59420
The ISL59420 is a 420MHz bandwidth 2:1 multiplexing
amplifier designed primarily for video switching. This Mux-amp
has user-settable gain and also feature a high speed three-state
function to enable the output of multiple devices to be wired
together. All logic inputs have pull-downs to ground and may be
left floating. The ENABLE pin, when pulled high, sets the
ISL59420 to the low current power-down mode for power
sensitive applications - consuming just 5mW.
Related Literature
•See AN1187, “ISL59420/21EVAL1 Evaluation Board User’s
Guide”
Features
• 420MHz (-3dB) Bandwidth (AV = 1, VOUT = 400mVP-P)
• 165MHz (-3dB) Bandwidth (AV = 2, VOUT = 2VP-P)
•Slew Rate (AV = 1, RL = 500Ω, VOUT = 4V). . . . . . . . . .966V/µs
•Slew Rate (AV = 2, RL = 500Ω, VOUT = 5V). . . . . . . . .1462V/µs
• Selectable Gain
• High Speed Three-State Output (HIZ)
• Low Current Power-Down . . . . . . . . . . . . . . . . . . . . . . . . . 5mW
• Pb-Free (RoHS Compliant)
Applications
• HDTV/DTV Analog Inputs
• Video Projectors
•Computer Monitors
•Set-Top Boxes
•Security Video
• Broadcast Video Equipment
TABLE 1. CHANNEL SELECT LOGIC TABLE
S0
ENABLE
HIZ
OUTPUT
000
IN0
100
IN1
X1X
Power Down
X0
1
High Z
FIGURE 1. FUNCTIONAL DIAGRAM
OUT
DECODE
IN0
IN1
S0
ENABLE
EN0
EN1
HIZ
AMPLIFIER BIAS
+
-
IN-
ENABLE pin must be low in order to activate the HIZ state
July 3, 2012
FN7459.2


同様の部品番号 - ISL59420IUZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59420IUZ-T13 INTERSIL-ISL59420IUZ-T13 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420IUZ-T13 RENESAS-ISL59420IUZ-T13 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
More results

同様の説明 - ISL59420IUZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com