データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC2235L-X-T9N-R データシート(PDF) 3 Page - Unisonic Technologies

部品番号 2SC2235L-X-T9N-R
部品情報  AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2235L-X-T9N-R データシート(HTML) 3 Page - Unisonic Technologies

  2SC2235L-X-T9N-R Datasheet HTML 1Page - Unisonic Technologies 2SC2235L-X-T9N-R Datasheet HTML 2Page - Unisonic Technologies 2SC2235L-X-T9N-R Datasheet HTML 3Page - Unisonic Technologies 2SC2235L-X-T9N-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC2235
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R211-012.C
TYPICAL CHARACTERISTICS
DC Current Gain vs. Collector Current
Collector Current, Ic (mA)
3
10
30
100
10
30
50
100
300
300
1000
500
1000
Collector Current vs. Collector Emitter
Voltage
Collector Emitter Voltage, VCE (V)
0
24
0
200
400
8
6
600
1000
800
10
12
14
Common Emitter
TA=25°C
0
2
IB=1mA
3
4
5
7
10
15
TA=100°C
TA=-25°C
TA=25°C
Common Emitter
VCE=5V
Collector Emitter Saturation Voltage vs.
Collector Current
Collector Current, Ic (mA)
310
30
100
0.01
0.03
0.05
0.1
0.3
300
1000
0.5
TA=100°C
TA=25°C
TA=-25°C
Common Emitter
Ic/IB =10
Collector Current vs. Base Emitter
Voltage
Base Emitter Voltage, VBE (V)
00.2
0.4
0
200
400
0.8
0.6
600
800
1.0
1.2
Common Emitter
VCE=5V
Safe Operating Area
Collector Emitter Voltage, VCE (V)
0.5 1
3
10
1
3
5
10
300
30 50
500
1000
5
100 300 5001000
30
50
100
3000
1ms *
10ms *
Ic Max.(Pulse) *
Ic Max. (Continous)
DC Operation
*Single Nonrepetitive Pulse TA=25°C
Curve must be derated linearly with
increase in temperature
Collector Power Dissipaton vs. Ambient
Temperature
Ambient Temperature, TA (°C)
020
40
0
200
400
80
60
600
1000
800
100 120 140 160
TA=100°C
TA=25°C
TA=-25°C


同様の部品番号 - 2SC2235L-X-T9N-R

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
2SC2235L-X-T9N-B UTC-2SC2235L-X-T9N-B Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
2SC2235L-X-T9N-K UTC-2SC2235L-X-T9N-K Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
More results

同様の説明 - 2SC2235L-X-T9N-R

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SC3665 TOSHIBA-2SC3665_04 Datasheet
116Kb / 3P
   Audio Power Amplifier Applications Driver-Stage Amplifier Applications
2SC3665-Y TOSHIBA-2SC3665-Y Datasheet
121Kb / 4P
   Audio Power Amplifier Applications Driver-Stage Amplifier Applications
logo
Unisonic Technologies
2SC2235 UTC-2SC2235 Datasheet
115Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
2SC2235 UTC-2SC2235_09 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2235 TOSHIBA-2SC2235 Datasheet
151Kb / 2P
   TRANSISTOR (AUDIO POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
2SA1588 TOSHIBA-2SA1588_07 Datasheet
332Kb / 3P
   Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
HN1C07F TOSHIBA-HN1C07F Datasheet
138Kb / 3P
   Audio Frequency Small Power Amplifier Applications Driver Stage Amplifier Applications Switching applications
2SA1313 TOSHIBA-2SA1313_07 Datasheet
316Kb / 4P
   Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1313-YTE85LF TOSHIBA-2SA1313-YTE85LF Datasheet
198Kb / 4P
   Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1182-Y TOSHIBA-2SA1182-Y Datasheet
151Kb / 3P
   Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com