データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC327G-XX-T92-B データシート(PDF) 2 Page - Unisonic Technologies

部品番号 BC327G-XX-T92-B
部品情報  SWITCHING AND AMPLIFIER APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC327G-XX-T92-B データシート(HTML) 2 Page - Unisonic Technologies

  BC327G-XX-T92-B Datasheet HTML 1Page - Unisonic Technologies BC327G-XX-T92-B Datasheet HTML 2Page - Unisonic Technologies BC327G-XX-T92-B Datasheet HTML 3Page - Unisonic Technologies BC327G-XX-T92-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC327/328
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R201-038.B
ABSOLUTE MAXIMUM RATING (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-emitter voltage
BC327
VCES
-50
V
BC328
-30
V
Collector-emitter voltage
BC327
VCEO
-45
V
BC328
-25
V
Emitter-base voltage
VEBO
-5
V
Collector current (DC)
IC
-800
mA
Collector dissipation
PC
625
mW
Junction Temperature
TJ
125
°С
Operating Temperature
TOPR
-20 ~ +85
°С
Storage Temperature
TSTG
-40 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector-emitter breakdown voltage
BC327
BVCEO
IC=-10mA, IB=0
-45
V
BC328
-25
V
Collector-emitter breakdown voltage
BC327
BVCES
IC=-0.1mA, VBE=0
-50
V
BC328
-30
V
Emitter-base breakdown voltage
BVEBO
IE=-10mA, IC=0
-5
V
Collector Cut-off Current
BC327
ICES
VCE=-45V, IB=0
-2
-100
V
BC328
VCE=-25V, IB=0
-2
-100
V
DC current gain
hFE1
VCE=-1V, IC=-100mA
100
630
hFE2
VCE=-1V, IC=-300mA
40
Collector-emitter saturation voltage
VCE(SAT)
IC=-500mA, IB=-50mA
-0.7
V
Base-emitter on voltage
VBE(ON)
VCE=-1V, IC=-300mA
-1.2
V
Current gain bandwidth product
fT
VCE=-5V, IC=-10mA,
f=20MHz
100
MHz
Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
12
pF
CLASSIFICATION OF hFE
RANK
16
25
40
hFE1
100-250
160-400
250-630
hFE2
60~
100~
170~


同様の部品番号 - BC327G-XX-T92-B

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
BC327G-XX-T92-B UTC-BC327G-XX-T92-B Datasheet
208Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
More results

同様の説明 - BC327G-XX-T92-B

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
BC846 UTC-BC846 Datasheet
54Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC848 UTC-BC848_15 Datasheet
215Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC327 UTC-BC327_15 Datasheet
208Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC558 UTC-BC558_15 Datasheet
396Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC846 UTC-BC846_11 Datasheet
253Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC548 UTC-BC548_15 Datasheet
199Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC858 UTC-BC858_15 Datasheet
120Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC338 UTC-BC338_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
BC337 UTC-BC337_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
BC808 UTC-BC808_15 Datasheet
197Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com