データシートサーチシステム |
|
BCP68 データシート(PDF) 1 Page - Unisonic Technologies |
|
BCP68 データシート(HTML) 1 Page - Unisonic Technologies |
1 / 3 page UNISONIC TECHNOLOGIES CO., LTD BCP68 NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R207-008.F NPN MEDIUM POWER TRANSISTOR FEATURES * High current (max. 1 A) * Low voltage (max. 20 V). * Complementary to UTC BCP69 APPLICATIONS * General purpose switching and amplification under high current conditions. SOT-223 1 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 BCP68G-xx-AA3-R SOT-223 B C E Tape Reel Note: Pin Assignment: B: Base C: Collector E: Emitter MARKING |
同様の部品番号 - BCP68_15 |
|
同様の説明 - BCP68_15 |