データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1670A データシート(PDF) 9 Page - Gennum Corporation

部品番号 GS1670A
部品情報  Ancillary data extraction
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1670A データシート(HTML) 9 Page - Gennum Corporation

Back Button GS1670A Datasheet HTML 5Page - Gennum Corporation GS1670A Datasheet HTML 6Page - Gennum Corporation GS1670A Datasheet HTML 7Page - Gennum Corporation GS1670A Datasheet HTML 8Page - Gennum Corporation GS1670A Datasheet HTML 9Page - Gennum Corporation GS1670A Datasheet HTML 10Page - Gennum Corporation GS1670A Datasheet HTML 11Page - Gennum Corporation GS1670A Datasheet HTML 12Page - Gennum Corporation GS1670A Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
GS1670A HD/SD SDI Receiver
Data Sheet
54388 - 1
September 2012
9 of 130
A5, A6, B5,
B6, C5, C6
STAT[0:5]
Output
MULTI-FUNCTIONAL OUTPUT PORT.
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Each of the STAT [0:5] pins can be configured individually to output
one of the following signals:
Signal
H/HSYNC
V/VSYNC
F/DE
LOCKED
Y/1ANC
C/2ANC
DATA ERROR
VIDEO ERROR
AUDIO ERROR
EDH DETECTED
CARRIER DETECT
RATE_DET
Default
STAT0
STAT1
STAT2
STAT3
STAT4
STAT5
A7, D10,
G10, K7
IO_VDD
Input Power
POWER connection for digital I/O. Connect to 3.3V or 1.8V DC
digital.
A8
PCLK
Output
PARALLEL DATA BUS CLOCK
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
HD 10-bit modePCLK @ 148.5 or 148.5/1.001MHz
HD 20-bit modePCLK @ 74.25 or 74.25/1.001MHz
SD 10-bit modePCLK @ 27MHz
SD 20-bit modePCLK @ 13.5MHz
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


同様の部品番号 - GS1670A

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
More results

同様の説明 - GS1670A

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS2961A GENNUM-GS2961A Datasheet
7Mb / 104P
   Ancillary data extraction
GS1660A GENNUM-GS1660A Datasheet
6Mb / 83P
   Ancillary data extraction
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
GS2960A GENNUM-GS2960A Datasheet
7Mb / 99P
   Ancillary data extraction
logo
RF Monolithics, Inc
IC1000 RFM-IC1000 Datasheet
89Kb / 4P
   Data/Clock Extraction IC
logo
Mill-Max Mfg. Corp.
0295-0-15-01-06-27-10-0 MILL-MAX-0295-0-15-01-06-27-10-0 Datasheet
207Kb / 1P
   CONTACT DATA Insertion / Extraction Force Graphs
logo
National Semiconductor ...
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
logo
Molex Electronics Ltd.
11-03-0001 MOLEX11-11-03-0001 Datasheet
25Kb / 1P
   Extraction Tool
11-03-0046 MOLEX11-11-03-0046 Datasheet
25Kb / 1P
   Extraction Tool
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com