データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS2970A データシート(PDF) 8 Page - Gennum Corporation

部品番号 GS2970A
部品情報  Integrated audio clock generator
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2970A データシート(HTML) 8 Page - Gennum Corporation

Back Button GS2970A Datasheet HTML 4Page - Gennum Corporation GS2970A Datasheet HTML 5Page - Gennum Corporation GS2970A Datasheet HTML 6Page - Gennum Corporation GS2970A Datasheet HTML 7Page - Gennum Corporation GS2970A Datasheet HTML 8Page - Gennum Corporation GS2970A Datasheet HTML 9Page - Gennum Corporation GS2970A Datasheet HTML 10Page - Gennum Corporation GS2970A Datasheet HTML 11Page - Gennum Corporation GS2970A Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
8 of 150
Table 4-22: Audio Channel Mapping Codes ......................................................................................... 89
Table 4-23: Audio Sample Word Lengths .............................................................................................. 90
Table 4-24: Audio Channel Status Information Registers ................................................................ 91
Table 4-25: Audio Channel Status Block for Regenerate Mode Default Settings ..................... 91
Table 4-26: Audio Mute Control Bits ....................................................................................................... 92
Table 4-27: GSPI Time Delay...................................................................................................................... 95
Table 4-28: GSPI Timing Parameters (50% levels; 3.3V or 1.8V operation) ................................ 96
Table 4-29: Video Core Configuration and Status Registers............................................................ 97
Table 4-30: SD Audio Core Configuration and Status Registers................................................... 111
Table 4-31: HD and 3G Audio Core Configuration and Status Registers .................................. 126
Table 4-32: ANC Extraction FIFO Access Registers.......................................................................... 141
Table 7-1: Packaging Data......................................................................................................................... 147


同様の部品番号 - GS2970A

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS2970A SEMTECH-GS2970A Datasheet
4Mb / 150P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
More results

同様の説明 - GS2970A

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS2971A GENNUM-GS2971A Datasheet
4Mb / 152P
   Integrated audio clock generator
GS1671A GENNUM-GS1671A Datasheet
9Mb / 136P
   Integrated audio clock generator
logo
PhaseLink Corporation
PLL601-26 PLL-PLL601-26 Datasheet
114Kb / 4P
   Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8128C AKM-AK8128C Datasheet
174Kb / 8P
   Audio Clock Generator
logo
Maxim Integrated Produc...
MAX9485 MAXIM-MAX9485 Datasheet
858Kb / 16P
   Programmable Audio Clock Generator
Rev 0; 7/04
logo
Cypress Semiconductor
W48C20 CYPRESS-W48C20 Datasheet
92Kb / 4P
   Audio Subsystem Clock Generator
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
logo
Integrated Circuit Syst...
ICS9120-47 ICST-ICS9120-47 Datasheet
107Kb / 5P
   Modem and Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8138MV AKM-AK8138MV Datasheet
310Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com