データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22313UFU10Z データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL22313UFU10Z
部品情報  Low Noise, Low Power, I2C짰 Bus, 256 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22313UFU10Z データシート(HTML) 5 Page - Intersil Corporation

  ISL22313UFU10Z Datasheet HTML 1Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 2Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 3Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 4Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 5Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 6Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6421.0
July 17, 2007
ISB
VCC Current (standby)
VCC = +5.5V, V- = -5.5V @ +85°C, I
2C
interface in standby state
0.2
1.5
µA
VCC = +5.5V, V- = -5.5V @ +125°C, I
2C
interface in standby state
12.5
µA
VCC = +2.25V, V- = -2.25V @ +85°C, I
2C
interface in standby state
0.1
1
µA
VCC = +2.25V, V- = -2.25V @ +125°C, I
2C
interface in standby state
0.5
2
µA
IV-SB
V- Current (standby)
V- = -5.5V, VCC = +5.5V @ +85°C, I
2C
interface in standby state
-2.5
-0.7
µA
V- = -5.5V, VCC = +5.5V @ +125°C, I
2C
interface in standby state
-4
-3
µA
V- = -2.25V, VCC = +2.25V @ +85°C, I
2C
interface in standby state
-1.5
-0.3
µA
V- = -2.25V, VCC = +2.25V @ +125°C, I
2C
interface in standby state
-3
-1
µA
ISD
VCC Current (shutdown)
VCC = +5.5V, V- = -5.5V @ +85°C, I
2C
interface in standby state
0.2
1.5
µA
VCC = +5.5V, V- = -5.5V @ +125°C, I
2C
interface in standby state
12.5
µA
VCC = +2.25V, V- = -2.25V @ +85°C, I
2C
interface in standby state
0.1
1
µA
VCC = +2.25V, V- = -2.25V @ +125°C, I
2C
interface in standby state
0.5
2
µA
IV-SB
V- Current (standby)
V- = -5.5V, VCC = +5.5V @ +85°C, I
2C
interface in standby state
-2.5
-0.7
µA
V- = -5.5V, VCC = +5.5V @ +125°C, I
2C
interface in standby state
-4
-3
µA
V- = -2.25V, VCC = +2.25V @ +85°C, I
2C
interface in standby state
-1.5
-0.3
µA
V- = -2.25V, VCC = +2.25V @ +125°C, I
2C
interface in standby state
-3
-1
µA
ILkgDig
Leakage current, at pins A0, A1, SDA,
and SCL
Voltage at pin from GND to VCC
-1
1
µA
tDCP
(Note 16)
DCP wiper response time
SCL falling edge of last bit of DCP data byte
to wiper new position
1.5
µs
tShdnRec
(Note 16)
DCP recall time from shutdown mode
SCL falling edge of last bit of ACR data byte
to wiper stored position and RH connection
1.5
µs
Vpor
Power-on recall voltage
Minimum VCC at which memory recall occurs
1.9
2.1
V
VCC Ramp
VCC ramp rate
0.2
V/ms
tD
Power-up delay
VCC above Vpor, to DCP Initial Value
Register recall completed, and I2C Interface
in standby state
5ms
EEPROM SPECIFICATION
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature T
≤ +55°C50
Years
tWC
(Note 17)
Non-volatile Write cycle time
12
20
ms
Operating Specifications Over the recommended operating conditions unless otherwise specified. Limits are established by
characterization. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 4)
MAX
(Note 18)
UNIT
ISL22313


同様の部品番号 - ISL22313UFU10Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22313UFU10Z INTERSIL-ISL22313UFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
ISL22313UFU10Z INTERSIL-ISL22313UFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22313UFU10Z RENESAS-ISL22313UFU10Z Datasheet
1Mb / 15P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
More results

同様の説明 - ISL22313UFU10Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com