データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22317TFRTZ データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISL22317TFRTZ
部品情報  Low Noise, Low Power, I2C??Bus, 128 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22317TFRTZ データシート(HTML) 8 Page - Intersil Corporation

Back Button ISL22317TFRTZ Datasheet HTML 4Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 5Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 6Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 7Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 8Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 9Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 10Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 11Page - Intersil Corporation ISL22317TFRTZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN6912.1
April 15, 2010
FIGURE 5. DNL vs TAP POSITION IN RHEOSTAT MODE FOR
100k
Ω (T)
FIGURE 6. DNL vs TAP POSITION IN RHEOSTAT MODE FOR
10k
Ω (W)
FIGURE 7. RTOTAL ERROR vs TEMPERATURE FOR 100kΩ (T)
FIGURE 8. RTOTAL ERROR vs TEMPERATURE FOR 10kΩ (W)
FIGURE 9. INL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 100k
Ω (T)
FIGURE 10. INL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
Typical Performance Curves (Continued)
-2
-1
0
1
2
0
20
406080
100
120
TAP POSITION (DECIMAL)
T = +25°C
VCC = 2.7V
VCC = 5.5V
-1
0
1
2
3
0
20406080
100
120
TAP POSITION (DECIMAL)
T = +25°C
VCC = 2.7V
VCC = 5.5V
-0.4
0.0
0.4
0.8
1.2
1.6
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (ºC)
VCC = 2.7V
VCC = 5.5V
-1.0
-0.5
0.0
0.5
1.0
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (ºC)
VCC = 2.7V
VCC = 5.5V
-0.30
-0.15
0
0.15
0.30
0
20
40
60
80
100
120
TAP POSITION (DECIMAL)
VCC = 2.7V
VCC = 5.5V
T = +25°C
-0.30
-0.15
0
0.15
0.30
0
20
406080
100
120
TAP POSITION (DECIMAL)
T = +25°C
VCC = 2.7V
VCC = 5.5V
ISL22317


同様の部品番号 - ISL22317TFRTZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
487Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
603Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22317TFRTZ RENESAS-ISL22317TFRTZ Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results

同様の説明 - ISL22317TFRTZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
   Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com