データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22317UFRTZ データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL22317UFRTZ
部品情報  Low Noise, Low Power, I2C??Bus, 128 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22317UFRTZ データシート(HTML) 4 Page - Intersil Corporation

  ISL22317UFRTZ Datasheet HTML 1Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 2Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 3Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 4Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 5Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 6Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 7Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 8Page - Intersil Corporation ISL22317UFRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6912.1
April 15, 2010
ZSerror
(Note 9)
Zero-scale Error
W, U or T option
VRL < VRW < VRL + 0.3V
0.5
2
LSB
(Note 8)
FSerror
(Note 10)
Full-scale Error
W, U or T option
VCC - 0.3V < VRW < VCC
-2
-0.5
LSB
(Note 8)
TCV
(Notes 13, 19)
Ratiometric Temperature Coefficient
Match to external Rref, DCP register set
between 15 hex and 7F hex
TCref
±10
ppm/°C
fcutoff
(Note 19)
-3dB Cut Off Frequency
Wiper at midpoint (40hex) W option (10k)
1
kHz
Wiper at midpoint (40hex) U option (50k)
1
kHz
Wiper at midpoint (40hex) T option (100k)
1
kHz
RESISTOR MODE (Measurements between RW and RL with RH not connected)
RINL
(Note 17)
Integral Non-linearity
W, U or T option
Current forced to the wiper
IW = (VCC - VRL)/RTOTAL (Note 20)
-3
±1
3
MI
(Note 14)
RDNL
(Note 16)
Differential Non-linearity
W, U or T option
Current forced to the wiper
IW = (VCC - VRL)/RTOTAL (Note 20)
-3
±1
3
MI
(Note 14)
Roffset
(Note 15)
Offset
W, U or T option, wiper is out of
recommended operation conditions
012
MI
(Note 14)
TCR
(Notes 18, 19)
Resistance Temperature Coefficient
Match to external Rref, DCP register set
between 15 hex and 7F hex, all options
TCref
±10
ppm/°C
Analog Specifications
Over recommended operating conditions unless otherwise stated. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 22)
TYP
(Note 7)
MAX
(Note 22)
UNIT
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 22)
TYP
(Note 7)
MAX
(Note 22)
UNIT
ICC1
VCC Supply Current (volatile
write/read)
VCC = +5.5V, fSCL = 400kHz; SDA = Open;
(for I2C, active, read and write states)
0.6
1.2
mA
VCC = +2.7V, fSCL = 400kHz; SDA = Open;
(for I2C, active, read and write states), 10k
0.35
0.9
mA
ICC2
VCC Supply Current (non-volatile
write/read)
VCC = +5.5V, fSCL = 400kHz; SDA = Open;
(for I2C, active, read and write states)
1.75
2.5
mA
VCC = +2.7V, fSCL = 400kHz; SDA = Open;
(for I2C, active, read and write states)
1.0
1.8
mA
ISB
VCC Current (Standby)
VCC = +5.5V @ +125°C, I2C interface in
standby state
0.5
1.0
mA
VCC = +2.7V @ +125°C, I2C interface in
standby state, 10k
0.3
0.75
mA
ISD
VCC Current (Shutdown)
VCC = +5.5V @ +125°C, I2C interface in
standby state
0.5
1.5
µA
ILkgDig
Leakage Current, at Pins REF_A,
REF_B, A1, SDA, and SCL
Voltage at pin from GND to VCC
-0.25
0.25
µA
tDCP
(Note 19)
DCP Wiper Response Time
SCL falling edge of last bit of DCP data byte
to wiper new position
150
µs
tShdnRec
(Note 19)
DCP Recall Time from Shutdown
Mode
SCL falling edge of last bit of ACR data byte
to wiper stored position and RH connection
150
µs
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall occurs
2.6
V
VCC Ramp VCC Ramp Rate
0.2
50
V/ms
ISL22317


同様の部品番号 - ISL22317UFRTZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22317UFRTZ INTERSIL-ISL22317UFRTZ Datasheet
487Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
ISL22317UFRTZ INTERSIL-ISL22317UFRTZ Datasheet
603Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22317UFRTZ RENESAS-ISL22317UFRTZ Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results

同様の説明 - ISL22317UFRTZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
   Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com