データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22424TFR16Z データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL22424TFR16Z
部品情報  Low Noise, Low Power, SPI® Bus, 256 Taps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22424TFR16Z データシート(HTML) 4 Page - Intersil Corporation

  ISL22424TFR16Z Datasheet HTML 1Page - Intersil Corporation ISL22424TFR16Z Datasheet HTML 2Page - Intersil Corporation ISL22424TFR16Z Datasheet HTML 3Page - Intersil Corporation ISL22424TFR16Z Datasheet HTML 4Page - Intersil Corporation ISL22424TFR16Z Datasheet HTML 5Page - Intersil Corporation ISL22424TFR16Z Datasheet HTML 6Page - Intersil Corporation ISL22424TFR16Z Datasheet HTML 7Page - Intersil Corporation ISL22424TFR16Z Datasheet HTML 8Page - Intersil Corporation ISL22424TFR16Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN6425.1
September 9, 2015
Pin Descriptions
TSSOP PIN
QFN PIN
SYMBOL
DESCRIPTION
1
11
RH0
“High” terminal of DCP0
2
12
RL0
“Low” terminal of DCP0
3
13
RW0
“Wiper” terminal of DCP0
4
14
RH1
“High” terminal of DCP1
5
15
RL1
“Low” terminal of DCP1
6
16
RW1
“Wiper” terminal of DCP1
7
1, 2, 3
NC
No connection
8
4
V-
Negative power supply pin
9
5
SDO
Data Output of the SPI serial interface
10
6
SCK
SPI interface clock input
11
7
GND
Device ground pin
12
8
SDI
Data Input of the SPI serial interface
13
9
CS
Chip Select active low input
14
10
VCC
Positive power supply pin
EPAD*
Exposed Die Pad internally connected to V-
* Note: PCB thermal land for QFN EPAD should be connected to V- plane or left floating. For more information refer to
http://www.intersil.com/data/tb/TB389.pdf
ISL22424


同様の部品番号 - ISL22424TFR16Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22424TFR16Z INTERSIL-ISL22424TFR16Z Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22424TFR16Z RENESAS-ISL22424TFR16Z Datasheet
1Mb / 20P
   Dual Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, SPI짰 Bus, 256 Taps
More results

同様の説明 - ISL22424TFR16Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
   Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
751Kb / 19P
   Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
logo
Renesas Technology Corp
ISL22444 RENESAS-ISL22444 Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
ISL22414 RENESAS-ISL22414 Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
logo
Intersil Corporation
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com