データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22511WFB8Z データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL22511WFB8Z
部品情報  Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22511WFB8Z データシート(HTML) 1 Page - Intersil Corporation

  ISL22511WFB8Z Datasheet HTML 1Page - Intersil Corporation ISL22511WFB8Z Datasheet HTML 2Page - Intersil Corporation ISL22511WFB8Z Datasheet HTML 3Page - Intersil Corporation ISL22511WFB8Z Datasheet HTML 4Page - Intersil Corporation ISL22511WFB8Z Datasheet HTML 5Page - Intersil Corporation ISL22511WFB8Z Datasheet HTML 6Page - Intersil Corporation ISL22511WFB8Z Datasheet HTML 7Page - Intersil Corporation ISL22511WFB8Z Datasheet HTML 8Page - Intersil Corporation ISL22511WFB8Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
FN6678.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas LLC
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas LLC 2008, 2009, 2015. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL22511
Single Push Button Controlled Potentiometer (XDCP™)
Low Noise, Low Power, 32 Taps, Push
Button Controlled Potentiometer
The Intersil ISL22511 is a three-terminal digitally-controlled
potentiometer (XDCP) implemented by a resistor array
composed of 31 resistive elements and a wiper switching
network. The ISL22511 features a push button control, a
shutdown mode, as well as an industry-leading UTQFN
package.
The push button control has individual PU and PD inputs for
adjusting the wiper. To eliminate redundancy, the wiper
position will automatically increment or decrement if one of
these inputs is held longer than one second.
Forcing both PU and PD low for more than two seconds
activates shutdown mode. Shutdown mode disconnects the
top of the resistor chain and moves the wiper to the lowest
position, minimizing power consumption.
The three terminals accessing the resistor chain naturally
configure the ISL22511 as a voltage divider. A rheostat is
easily formed by floating an end terminal or connecting it to
the wiper.
Features
• Solid-State Non-Volatile Potentiometer
• Push Button Controlled
• Single or Auto Increment/Decrement
- Fast Mode after 1s Button Press
• AUTOSTORE of Last Wiper Position or Manual Store of
Wiper Position
• Shutdown Mode
• 32 Wiper Tap Points
- Middle Scale Wiper Position on Power-Up
• Low Power CMOS
-VCC = 2.7V to 5.5V
- Terminal Voltage, 0 to VCC
- Standby Current, 3µA Max
•RTOTAL Value = 10k50k
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T
 +55°C
• Packages
- 8 Ld SOIC
- 10 Ld UTQFN (2.1mmx1.6mm)
• Pb-Free (RoHS Compliant)
Applications
• Volume Control
• LED/LCD Brightness Control
• Contrast Control
• Programming Bias Voltages
• Ladder Networks
VCC (SUPPLY VOLTAGE)
CONTROL
BLOCK
PU
PD
VSS (GROUND)
RH
RL
RW
9
8
7
6
1
2
3
4
NC
VSS
ASE
RL
VCC
PU
RH
PD
O
RW
NC
VCC
ASE
PU
PD
RH
VSS
1
2
3
4
8
7
6
5
RL
RW
O
UTQFN
(Top View)
SOIC
(Top View)
ASE
Data Sheet
September 9, 2015


同様の部品番号 - ISL22511WFB8Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511WFB8Z RENESAS-ISL22511WFB8Z Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
More results

同様の説明 - ISL22511WFB8Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Intersil Corporation
ISL22512WFB8Z INTERSIL-ISL22512WFB8Z Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
ISL23512 INTERSIL-ISL23512 Datasheet
236Kb / 9P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com