データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL23318TFRUZ-TK データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL23318TFRUZ-TK
部品情報  Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23318TFRUZ-TK データシート(HTML) 5 Page - Intersil Corporation

  ISL23318TFRUZ-TK Datasheet HTML 1Page - Intersil Corporation ISL23318TFRUZ-TK Datasheet HTML 2Page - Intersil Corporation ISL23318TFRUZ-TK Datasheet HTML 3Page - Intersil Corporation ISL23318TFRUZ-TK Datasheet HTML 4Page - Intersil Corporation ISL23318TFRUZ-TK Datasheet HTML 5Page - Intersil Corporation ISL23318TFRUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL23318TFRUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL23318TFRUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL23318TFRUZ-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ISL23318
5
FN7887.0
July 26, 2011
VOLTAGE DIVIDER MODE (0V @ RL; VCC @ RH; measured at RW, unloaded)
INL
(Note 13)
Integral Non-linearity, Guaranteed
Monotonic
W, U, T options
-0.5
±0.15
+0.5
LSB
(Note 9)
DNL
(Note 12)
Differential Non-linearity, Guaranteed
Monotonic
W, U, T options
-0.5
±0.15
+0.5
LSB
(Note 9)
FSerror
(Note 11)
Full-scale Error
W option
-2.5
-1.5
0
LSB
(Note 9)
U, T option
-1.0
-0.7
0
LSB
(Note 9)
ZSerror
(Note 10)
Zero-scale Error
W option
0
1.5
2.5
LSB
(Note 9)
U, T option
0
0.7
1.0
LSB
(Note 9)
TCV
(Notes 14)
Ratiometric Temperature Coefficient
W option, Wiper Register set to 40 hex
8
ppm/°C
U option, Wiper Register set to 40 hex
4
ppm/°C
T option, Wiper Register set to 40 hex
2.3
ppm/°C
Large Signal Wiper Settling Time
From code 0 to 7F hex
300
ns
fcutoff
-3dB Cutoff Frequency
Wiper at middle point W option
1200
kHz
Wiper at middle point U option
250
kHz
Wiper at middle point T option
120
kHz
RHEOSTAT MODE (Measurements between RW and RL pins with RH not connected, or between RW and RH with RL not connected)
RINL
(Note 18)
Integral Non-linearity, Guaranteed
Monotonic
W option; VCC = 2.7V to 5.5V
-1.0
±0.5
+1.0
MI
(Note 15)
W option; VCC = 1.7V
±3.0
MI
(Note 15)
U, T option; VCC = 2.7V to 5.5V
-0.5
±0.15
+0.5
MI
(Note 15)
U, T option; VCC = 1.7V
±1.0
MI
(Note 15)
RDNL
(Note 17)
Differential Non-linearity, Guaranteed
Monotonic
W option; VCC = 2.7V to 5.5V
-0.5
±0.15
+0.5
MI
(Note 15)
W option; VCC = 1.7V
±0.4
MI
(Note 15)
U, T option; VCC = 2.7V to 5.5V
-0.5
±0.15
+0.5
MI
(Note 15)
U, T option; VCC = 1.7V
±0.4
MI
(Note 15)
Roffset
(Note 16)
Offset, Wiper at 0 Position
W option; VCC = 2.7V to 5.5V
0
1.8
3.0
MI
(Note 15)
W option; VCC = 1.7V
3.0
MI
(Note 15)
U, T option; VCC = 2.7V to 5.5V
0
0.3
1
MI
(Note 15)
U, T option; VCC = 1.7V
0.5
MI
(Note 15)
Analog Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise stated.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
(Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS


同様の部品番号 - ISL23318TFRUZ-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23318TFRUZ-TK INTERSIL-ISL23318TFRUZ-TK Datasheet
727Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23318TFRUZ-TK RENESAS-ISL23318TFRUZ-TK Datasheet
1,010Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

同様の説明 - ISL23318TFRUZ-TK

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL23318 RENESAS-ISL23318 Datasheet
1,010Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23318 INTERSIL-ISL23318 Datasheet
727Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL90726 RENESAS-ISL90726 Datasheet
441Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL90727 RENESAS-ISL90727 Datasheet
436Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com