データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA21231 データシート(PDF) 10 Page - Infineon Technologies AG

部品番号 TDA21231
部品情報  DrMOS Product Family
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21231 データシート(HTML) 10 Page - Infineon Technologies AG

Back Button TDA21231_15 Datasheet HTML 6Page - Infineon Technologies AG TDA21231_15 Datasheet HTML 7Page - Infineon Technologies AG TDA21231_15 Datasheet HTML 8Page - Infineon Technologies AG TDA21231_15 Datasheet HTML 9Page - Infineon Technologies AG TDA21231_15 Datasheet HTML 10Page - Infineon Technologies AG TDA21231_15 Datasheet HTML 11Page - Infineon Technologies AG TDA21231_15 Datasheet HTML 12Page - Infineon Technologies AG TDA21231_15 Datasheet HTML 13Page - Infineon Technologies AG TDA21231_15 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TDA21231
Data Sheet
9
Referring to the block diagram page 4, VCC is internally connected to the UVLO circuit. It will force shut-down
for insufficient VCC voltage. PVCC supplies the floating high-side drive
– consisting of an active boot circuit -
and the low side drive circuit. During undervoltage both GH and GL are driven low actively; further passive pull-
down (10 k
) is placed across gate-source of both FETs.
An additional UVLO circuitry, sensing the BOOT voltage level, is implemented to enable a recharge of the boot
capacitor when its voltage is too low for a complete turn-on of the HS-MOSFET.
5.2
Inputs to the Internal Control Circuits
The PWM is the control input to the IC from an external PWM controller and is compatible with 3.3 V.
The PWM input has tri-state functionality. When the voltage remains in the specified PWM-shutdown-window for
at least the PWM-shutdown-holdoff time t_tsshd, the operation will be suspended by keeping both MOSFET
gate outputs low. Once left open, the pin is held internally at a level of VPWM_O = 1.6 V level.
Table 12
PWM Pin Functionality
PWM logic level
Driver output
Low
GL= High, GH = Low
High
GL = Low, GH = High
Open (left floating, or High impedance)
GL = Low, GH = Low
The PWM threshold voltages VPMW_O, VPWM_H, VPWM_L do not vary over the wide range of VCIN supply
voltages (4.5 V to 8 V).
The EN is an active high signal. When EN is being pulled low, the power stage will be disabled.
Figure 4
Enable (EN) signal logic levels
VCC
“H”
“L”
VEN_L
VEN_H
EN Logic
Level
Shutdown
Enable


同様の部品番号 - TDA21231_15

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA21201 INFINEON-TDA21201 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
TDA21201-B7 INFINEON-TDA21201-B7 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
TDA21201-P7 INFINEON-TDA21201-P7 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
TDA21201-S7 INFINEON-TDA21201-S7 Datasheet
754Kb / 15P
   Integrated Switch(MOSFET Driver and MOSFETs)
Apr-29, 2002
TDA21211 INFINEON-TDA21211 Datasheet
481Kb / 20P
   High-Performance DrMOS
August - 2009
More results

同様の説明 - TDA21231_15

メーカー部品番号データシート部品情報
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Broadcom Corporation.
INTENSI-FI BOARDCOM-INTENSI-FI Datasheet
157Kb / 2P
   DRAFT-802.11n PRODUCT FAMILY
logo
NXP Semiconductors
HCS12DBFAMILYPP NXP-HCS12DBFAMILYPP Datasheet
797Kb / 12P
   HCS12DB Family Product Proposal
Rev. 0.7, 8/2003
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
logo
List of Unclassifed Man...
SH8M08GBATCEBAA01 ETC2-SH8M08GBATCEBAA01 Datasheet
1,008Kb / 2P
   e?줞MCTM Product Family
logo
Motorola, Inc
MC9S12DB MOTOROLA-MC9S12DB Datasheet
758Kb / 12P
   HCS12DB Family Product Proposal
logo
List of Unclassifed Man...
AT25DF256 ETC2-AT25DF256 Datasheet
437Kb / 7P
   Bios Flash Product Family
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
logo
List of Unclassifed Man...
CXD9450 ETC-CXD9450 Datasheet
114Kb / 16P
   Single-Chip FaxEngine Product Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com