データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV841 データシート(PDF) 8 Page - Texas Instruments

部品番号 LMV841
部品情報  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMV841 データシート(HTML) 8 Page - Texas Instruments

Back Button LMV841_15 Datasheet HTML 4Page - Texas Instruments LMV841_15 Datasheet HTML 5Page - Texas Instruments LMV841_15 Datasheet HTML 6Page - Texas Instruments LMV841_15 Datasheet HTML 7Page - Texas Instruments LMV841_15 Datasheet HTML 8Page - Texas Instruments LMV841_15 Datasheet HTML 9Page - Texas Instruments LMV841_15 Datasheet HTML 10Page - Texas Instruments LMV841_15 Datasheet HTML 11Page - Texas Instruments LMV841_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
VSUPPLY (V)
200
150
100
50
0
-50
-100
-150
-200
2
4
6
8
10
12
14
-40°C
25°C
85°C
125°C
VCM (V)
200
150
100
50
0
-50
-100
-150
-200
-6
-4
-2
0
2
4
6
-40°C
25°C
85°C
125°C
VS = ±5V
VCM (V)
200
150
100
50
0
-50
-100
-150
-200
-1
0
1
2
3
4
-40°C
25°C
85°C
125°C
VS = 3.3V
VCM (V)
200
150
100
50
0
-50
-100
-150
-200
-1
0
1
2
3
4
5
6
-40°C
25°C
85°C
125°C
VS = 5.0V
LMV841, LMV842, LMV844
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = 25°C, RL = 10kΩ, VS = 5V. Unless otherwise specified.
VOS
VOS
vs.
vs.
VCM Over Temperature at 3.3V
VCM Over Temperature at 5.0V
Figure 4.
Figure 5.
VOS
vs.
VOS vs. VCM Over Temperature at ±5.0V
Supply Voltage
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMV841 LMV842 LMV844


同様の部品番号 - LMV841_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV841 TI1-LMV841_16 Datasheet
1Mb / 38P
[Old version datasheet]   LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational Amplifiers
More results

同様の説明 - LMV841_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV841_0710 NSC-LMV841_0710 Datasheet
1Mb / 20P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
Texas Instruments
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
logo
National Semiconductor ...
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
logo
Texas Instruments
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
[Old version datasheet]   Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMV841 TI1-LMV841_16 Datasheet
1Mb / 38P
[Old version datasheet]   LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational Amplifiers
LMV841QMG TI-LMV841QMG Datasheet
1Mb / 37P
[Old version datasheet]   LMV841/LMV841Q/LMV842/LMV842Q/LMV844/LMV844Q CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
[Old version datasheet]   LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com