データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLS710B0 データシート(PDF) 8 Page - Infineon Technologies AG

部品番号 TLS710B0
部品情報  Low Dropout Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS710B0 データシート(HTML) 8 Page - Infineon Technologies AG

Back Button TLS710B0_15 Datasheet HTML 4Page - Infineon Technologies AG TLS710B0_15 Datasheet HTML 5Page - Infineon Technologies AG TLS710B0_15 Datasheet HTML 6Page - Infineon Technologies AG TLS710B0_15 Datasheet HTML 7Page - Infineon Technologies AG TLS710B0_15 Datasheet HTML 8Page - Infineon Technologies AG TLS710B0_15 Datasheet HTML 9Page - Infineon Technologies AG TLS710B0_15 Datasheet HTML 10Page - Infineon Technologies AG TLS710B0_15 Datasheet HTML 11Page - Infineon Technologies AG TLS710B0_15 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TLS710B0
Block Description and Electrical Characteristics
Data Sheet
8
Rev. 1.0, 2015-03-12
Table 4
Electrical Characteristics Voltage Regulator
V
I = 13.5 V; Tj = -40 °C to +150 °C; all voltages with respect to ground (unless otherwise specified).
Typical values are given at
T
j = 25 °C, VI = 13.5 V.
Parameter
Symbol
Values
Unit
Note / Test Condition Number
Min.
Typ.
Max.
Output Voltage Precision
V
Q
4.9
5.0
5.1
V
0.05 mA <
I
Q <
100 mA
6 V <
V
I < 28 V
P_5.1.1
Output Voltage Precision
V
Q
4.9
5.0
5.1
V
0.05 mA <
I
Q < 50 mA
6 V <
V
I < 40 V
P_5.1.2
Output Current Limitation
I
Q,max
101
250
350
mA
0 V <
V
Q < 4.8 V
4 V <
V
I < 28 V
P_5.1.7
Load Regulation
steady-state
|
ΔV
Q,load|
–125
mV
I
Q = 0.05 mA to 100 mA
V
I = 6 V
P_5.1.9
Line Regulation
steady-state
|
ΔV
Q,line|
–125
mV
V
I = 8 V to 32 V
I
Q = 5 mA
P_5.1.10
Dropout Voltage1)
V
dr = VI - VQ
1) Measured when the output voltage
V
Q has dropped 100 mV from the nominal value obtained at VI = 13.5V
V
dr
200
500
mV
I
Q = 100 mA
P_5.1.11
Power Supply Ripple Rejection2)
2) Not subject to production test, specified by design
PSRR
–60
dB
f
ripple = 100 Hz
V
ripple = 0.5 Vpp
P_5.1.12
Overtemperature Shutdown
Threshold
T
j,sd
151–
200°C
T
j increasing
2)
P_5.1.13
Overtemperature Shutdown
Threshold Hysteresis
T
j,sdh
–15
K
T
j decreasing
2)
P_5.1.14


同様の部品番号 - TLS710B0_15

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLS715B0 INFINEON-TLS715B0 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
More results

同様の説明 - TLS710B0_15

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
   Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com