データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4666 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4666
部品情報  Filterless High Efficiency Stereo 1.2W Switching
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM4666 データシート(HTML) 8 Page - Texas Instruments

Back Button LM4666 Datasheet HTML 4Page - Texas Instruments LM4666 Datasheet HTML 5Page - Texas Instruments LM4666 Datasheet HTML 6Page - Texas Instruments LM4666 Datasheet HTML 7Page - Texas Instruments LM4666 Datasheet HTML 8Page - Texas Instruments LM4666 Datasheet HTML 9Page - Texas Instruments LM4666 Datasheet HTML 10Page - Texas Instruments LM4666 Datasheet HTML 11Page - Texas Instruments LM4666 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LM4666, LM4666SDBD
SNAS189A – MAY 2004 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
(1) (continued)
Efficiency and Power Dissipation
vs Output Power
Gain Select Threshold
VDD = 3V, RL = 15µH + 4Ω + 15µH, f = 1kHz, THD ≤ 1%
VDD = 3V
Figure 15.
Figure 16.
Gain Select Threshold
Gain Select Threshold
vs Supply Voltage
VDD = 5V
RL = 15µH + 8Ω + 15µH
Figure 17.
Figure 18.
Output Power/Channel vs Supply Voltage
Output Power/Channel vs Supply Voltage
RL = 15µH + 8Ω + 15µH, f = 1kHz
RL = 15µH + 4Ω + 15µH, f = 1kHz
22kHz BW
22kHz BW
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4666 LM4666SDBD


同様の部品番号 - LM4666

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4666 NSC-LM4666 Datasheet
642Kb / 15P
   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
LM4666SD NSC-LM4666SD Datasheet
642Kb / 15P
   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
LM4666SDA NSC-LM4666SDA Datasheet
642Kb / 15P
   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
logo
Texas Instruments
LM4666SDBD TI1-LM4666SDBD Datasheet
1Mb / 20P
[Old version datasheet]   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
LM4666 TI1-LM4666_14 Datasheet
1Mb / 20P
[Old version datasheet]   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
More results

同様の説明 - LM4666

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4666 TI1-LM4666_14 Datasheet
1Mb / 20P
[Old version datasheet]   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
logo
National Semiconductor ...
LM4666 NSC-LM4666 Datasheet
642Kb / 15P
   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
logo
Analog Devices
SSM2302 AD-SSM2302 Datasheet
474Kb / 20P
   Filterless High Efficiency Class-D Stereo Audio Amplifier
REV. 0
SSM2302 AD-SSM2302_15 Datasheet
474Kb / 20P
   Filterless High Efficiency Class-D Stereo Audio Amplifier
logo
National Semiconductor ...
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4671 NSC-LM4671_08 Datasheet
588Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4667 NSC-LM4667 Datasheet
757Kb / 16P
   Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
   Filterless High Efficiency 1W Switching Audio Amplifier
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
   Filterless High Efficiency 1.1W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com