データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC2222H データシート(PDF) 1 Page - Pan Jit International Inc.

部品番号 2SC2222H
部品情報  NPN General Purpose Switching Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2SC2222H データシート(HTML) 1 Page - Pan Jit International Inc.

  2SC2222H Datasheet HTML 1Page - Pan Jit International Inc. 2SC2222H Datasheet HTML 2Page - Pan Jit International Inc. 2SC2222H Datasheet HTML 3Page - Pan Jit International Inc. 2SC2222H Datasheet HTML 4Page - Pan Jit International Inc. 2SC2222H Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P2SC2222H
October 12,2015-REV.00
Page 1
NPN General Purpose Switching Transistor
Voltage
40V
Current
600mA
SOT-89
Pin Assignment: 1. Base
2. Collector
3. Emitter
Features
NPN epitaxial Silicon, Planar Design
Collector-emitter voltage VCE = 40V
Collector current = 600mA
Lead free in comply with EU RoHS 2011/65/EU
directives.
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: SOT-89 Package
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.002 ounces, 0.057grams
Marking: C2H
Note1: Transistor mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNITS
Collector-Base Voltage
VCBO
75
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6
V
Collector Current (DC)
IC
600
mA
Collector Current (Pulse)
ICP
800
mA
Total Power Dissipation
PTOT
1.1
W
Junction to Ambient (Note1)
RθJA
250
oC/ W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55~150
oC


同様の部品番号 - 2SC2222H

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
2SC2222 ETC-2SC2222 Datasheet
426Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR
More results

同様の説明 - 2SC2222H

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
MMBT3904W PANJIT-MMBT3904W Datasheet
102Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N3904N PANJIT-2N3904N_15 Datasheet
393Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2SC2411K-AU PANJIT-2SC2411K-AU Datasheet
298Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
November 16,2013-REV.02
MMBT2222AW PANJIT-MMBT2222AW Datasheet
97Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2369A PANJIT-MMBT2369A Datasheet
167Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N4401 PANJIT-2N4401 Datasheet
202Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Compact Technology Corp...
MMBT2222A CTC-MMBT2222A Datasheet
78Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
MMBT2222ATB PANJIT-MMBT2222ATB_15 Datasheet
228Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401 PANJIT-MMBT4401 Datasheet
90Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401W PANJIT-MMBT4401W Datasheet
887Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com