データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC2222H データシート(PDF) 2 Page - Pan Jit International Inc.

部品番号 2SC2222H
部品情報  NPN General Purpose Switching Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANJIT [Pan Jit International Inc.]
ホームページ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2SC2222H データシート(HTML) 2 Page - Pan Jit International Inc.

  2SC2222H Datasheet HTML 1Page - Pan Jit International Inc. 2SC2222H Datasheet HTML 2Page - Pan Jit International Inc. 2SC2222H Datasheet HTML 3Page - Pan Jit International Inc. 2SC2222H Datasheet HTML 4Page - Pan Jit International Inc. 2SC2222H Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P2SC2222H
October 12,2015-REV.00
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
OFF Characteristics
Collector-Emitter Breakdown Voltage
BVCEO
IC= 1.0mA, IB= 0A
40
-
-
V
Collector-Base Breakdown Voltage
BVCBO
IC= 10uA, IE= 0A
75
-
-
V
Emitter-Base Breakdown Voltage
BVEBO
IE= 10uA, IC= 0A
6
-
-
V
Collector-Base Cutoff Current
ICBO
VCB= 60V, IE= 0A
-
-
10
nA
Emitter-Base Cutoff Current
IEBO
VEB= 3V
-
-
10
nA
Collector-Emitter Cutoff Current
ICES
VCES= 60V
-
-
10
nA
ON characteristics
DC Current Gain
hFE
VCE= 10V IC= 0.1mA
35
-
-
-
VCE= 10V IC= 1mA
50
-
-
VCE= 10V IC= 10mA
75
-
-
VCE= 10V IC= 150mA
100
-
300
VCE= 1V IC= 150mA
50
-
-
VCE= 10V IC= 500mA
40
-
-
Collector-Emitter Saturation Voltage
VCE(SAT)
IC= 150mA, IB= 15mA
-
-
0.3
V
IC= 500mA, IB= 50mA
-
-
1.0
Base-Emitter Saturation voltage
VBE(SAT)
IC= 150mA, IB= 15mA
-
-
1.2
V
IC= 500mA, IB= 50mA
-
-
2.0
Collector-Base Capacitance
CCBO
VCB= 10V, f=1MHz
-
-
8
pF
Emitter-Base Capacitance
CEBO
VCB= 0.5V, f=1MHz
-
-
25
Delay Time
td
VCC= 3V, VBE= -5V
IC= 150mA, IB= 15mA
-
-
10
nS
Rise Time
tr
-
-
25
Storage Time
ts
VCC= 30V, IC= 150mA
IB1 = IB2 = 15mA
-
-
225
Fall Time
tf
-
-
60
Turn-on Time
ton
IC= 150mA,Ibon =15mA
Iboff = -15mA
-
-
35
Turn-off Time
toff
-
-
250
Transition Frequency
fT
VCE = 10 V; IC = 20mA
F = 100 MHz
300
-
-
MHz


同様の部品番号 - 2SC2222H

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
2SC2222 ETC-2SC2222 Datasheet
426Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR
More results

同様の説明 - 2SC2222H

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
MMBT3904W PANJIT-MMBT3904W Datasheet
102Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N3904N PANJIT-2N3904N_15 Datasheet
393Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2SC2411K-AU PANJIT-2SC2411K-AU Datasheet
298Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
November 16,2013-REV.02
MMBT2222AW PANJIT-MMBT2222AW Datasheet
97Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2369A PANJIT-MMBT2369A Datasheet
167Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2N4401 PANJIT-2N4401 Datasheet
202Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Compact Technology Corp...
MMBT2222A CTC-MMBT2222A Datasheet
78Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
MMBT2222ATB PANJIT-MMBT2222ATB_15 Datasheet
228Kb / 6P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401 PANJIT-MMBT4401 Datasheet
90Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401W PANJIT-MMBT4401W Datasheet
887Kb / 3P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com