データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM49450 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM49450
部品情報  Boomer I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM49450 データシート(HTML) 2 Page - Texas Instruments

  LM49450 Datasheet HTML 1Page - Texas Instruments LM49450 Datasheet HTML 2Page - Texas Instruments LM49450 Datasheet HTML 3Page - Texas Instruments LM49450 Datasheet HTML 4Page - Texas Instruments LM49450 Datasheet HTML 5Page - Texas Instruments LM49450 Datasheet HTML 6Page - Texas Instruments LM49450 Datasheet HTML 7Page - Texas Instruments LM49450 Datasheet HTML 8Page - Texas Instruments LM49450 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
REF
CPGND
I
2
C
INTERFACE
I2C
BUS
CS
CS
VDD
MCLK
I2S_CLK
I2S_SDI
I2S_WS
SDA
SCL
DGND
HPR
HPL
LSGND
RLS-
RLS+
LLS-
LLS+
LSVDD
LSVDD
VDD
HPS
CREF
CLASS D
CLASS D
CLASS
AB
CLASS
AB
INL
INR
24-BIT
STEREO
DAC
32-STEP
VOLUME
CONTROL
CHARGE PUMP
C1
C1P
C1N
HPVDD
HPGND
CS
CPVDD
CPVDD
C2
HPVSS
L
R
OSCILLATOR
HPVDD
I
2
S
INTERFACE
3D
PROCESSOR
CS
BYPASS
CBYPASS
GND
IOVDD
DVDD
1.8V to 4.5V
2.7V to 4.5V
IOVDD
DVDD
2.7V to 5.5V
LM49450
SNAS440D – FEBRUARY 2008 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The filterless Class D amplifiers deliver 1.25W/channel into an 8
Ω load with <1% THD+N with a 5V supply. The
LM49450 offers two logic selectable modulation schemes, fixed frequency mode, and an EMI reducing spread
spectrum mode. The 36mW/channel headphone drivers feature TI’s ground referenced architecture that creates
a ground-referenced output from a single supply, eliminating the need for bulky and expensive DC-blocking
capacitors, saving space and minimizing system cost. A headphone sense input (HPS) automatically detects the
presence of a headphone, and configures the device accordingly.
The LM49450 stereo, 24-bit DAC supports a wide range of sample rates (including 192kHz, 96kHz, 48kHz, and
44.1kHz). The digital audio signal path features better than 100dB SNR, and low 0.05% THD+N when measured
at the headphone outputs. The flexible 3-wire I2S interface supports left or right justified audio data.
The LM49450 features separate 32-step volume control for the headphones and speaker outputs. 3D
enhancement, mode selection, shutdown control, and volume are controlled through an I2C compatible interface.
Output short circuit and thermal overload protection prevent the device from being damaged during fault
conditions. Superior click and pop suppression eliminates audible transients on power-up/down and during
shutdown. The LM49450 is available in a space saving 32-pin WQFN package.
Typical Application
Figure 1. Typical Audio Amplifier Application Circuit
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM49450


同様の部品番号 - LM49450

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM49450 NSC-LM49450 Datasheet
1Mb / 38P
   I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
More results

同様の説明 - LM49450

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM49450 NSC-LM49450 Datasheet
1Mb / 38P
   I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
Texas Instruments
LM49270 TI1-LM49270 Datasheet
2Mb / 28P
[Old version datasheet]   Filterless 2.2W Stereo Class D Audio Subsystem with OCL Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
National Semiconductor ...
LM49250 NSC-LM49250_08 Datasheet
1Mb / 36P
   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
logo
New Japan Radio
NJU72040 NJRC-NJU72040 Datasheet
289Kb / 19P
   Ground Referenced Stereo Headphone Amplifier
logo
National Semiconductor ...
LM49250 NSC-LM49250 Datasheet
1Mb / 36P
   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
logo
Texas Instruments
LM49250 TI1-LM49250 Datasheet
1Mb / 36P
[Old version datasheet]   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
logo
National Semiconductor ...
LM49350 NSC-LM49350 Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com