データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL3243EIRZ データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL3243EIRZ
部品情報  QFN Packaged, ±15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3243EIRZ データシート(HTML) 1 Page - Intersil Corporation

  ISL3243EIRZ Datasheet HTML 1Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 2Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 3Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 4Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 5Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 6Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 7Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 8Page - Intersil Corporation ISL3243EIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
QFN Packaged, ±15kV ESD Protected, +2.7V to +3.6V,
250kbps, RS-232 Transmitters/Receivers with
Separate Logic Supply Pin
ISL3241E, ISL3243E
The Intersil ISL324xE devices are 2.7V to 3.6V powered
RS-232 transmitters/receivers which meet ElA/TIA-232 and
V.28/V.24 specifications, even at VCC = 3.0V. Additionally, they
provide ±15kV ESD protection (IEC61000-4-2 Air Gap and
Human Body Model) on transmitter outputs and receiver
inputs (RS-232 pins). Targeted applications are POS systems,
and notebook and laptop computers where the low
operational, and even lower standby, power consumption is
critical. Efficient on-chip charge pumps, coupled with manual
and automatic power-down functions, reduce the standby
supply current to a 0.5µA trickle. Tiny 5mmx5mm Quad Flat
No-Lead (QFN) packaging and the use of small, low value
capacitors ensure board space savings as well. Data rates
greater than 250kbps are guaranteed at worst case load
conditions.
ISL324xE are 3 driver, 5 receiver devices that, coupled with the
5x5 QFN package, provide the industry’s smallest, lowest
power complete serial port. The 5x5 QFN requires 60% less
board area than a 28 Ld TSSOP, and is nearly 20% thinner.
These devices also include a noninverting always-active
receiver for “wake-up” capability.
The ISL3243E features an automatic powerdown function that
powers down the on-chip power supply and driver circuits. This
occurs when an attached peripheral device is shut off or the
RS-232 cable is removed, conserving system power
automatically without changes to the hardware or operating
system. It powers up again when a valid RS-232 voltage is
applied to any receiver input.
The ISL324xE feature a VL pin that adjusts the logic pin (see
“Pin Descriptions” on page 2) output levels and input
thresholds to values compatible with the VCC powering the
external logic (e.g., a UART).
Table 1 summarizes the features of the ISL324xE.
Features
•VL Pin for Compatibility in Mixed Voltage Systems Adjusts
Logic Output Levels and Input Thresholds for Compatibility
with Lower Supply Voltage Logic
• Parameters Specified for 10% Tolerance Supplies and Full
Industrial Temp Range
• Pb-free Small QFN (5mmx5mm) Package is 60% Smaller
than a 28 Lead TSSOP
• ESD Protection for RS-232 I/O Pins to ±15kV (IEC61000)
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• RS-232 Compatible with VCC = 2.7V
• On-Chip Voltage Converters Require Only Four External
0.1µF Capacitors
• Manual and Automatic Power-down Features
• Receiver Hysteresis for Improved Noise Immunity
• Guaranteed Minimum Data Rate. . . . . . . . . . . . . . . . 250kbps
• Low Supply Current in Power-down State . . . . . . . . . . . 0.5µA
• Pb-Free (RoHS compliant)
Applications
• Any Space Constrained System Requiring RS-232 Ports
- Battery Powered, Hand-Held, and Portable Equipment
- POS Systems and Scanners
-Laptop Computers, Notebooks
-GPS Receivers
• Mixed Voltage Serial Ports
Related Literature
•Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
•Technical Brief TB379 “Thermal Characterization of
Packages for ICs”
•Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for QFN Packages”
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
NO. OF
Tx.
NO. OF
Rx.
LOGIC SUPPLY
(VL) PIN?
NO. OF
MONITOR Rx.
(ROUTB)
DATA RATE
(kbps)
Rx. ENABLE
FUNCTION?
Pb-FREE?
MANUAL
POWER-
DOWN?
AUTOMATIC
POWERDOWN
FUNCTION?
ISL3241E
3
5
YES
2
250
YES
YES
YES
NO
ISL3243E
3
5
YES
1
250
NO
YES
YES
YES
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2008, 2010, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
June 18, 2012
FN6768.2


同様の部品番号 - ISL3243EIRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL3243EIRZ INTERSIL-ISL3243EIRZ Datasheet
554Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
logo
Renesas Technology Corp
ISL3243EIRZ RENESAS-ISL3243EIRZ Datasheet
962Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
logo
Intersil Corporation
ISL3243EIRZ-T INTERSIL-ISL3243EIRZ-T Datasheet
554Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
More results

同様の説明 - ISL3243EIRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL3241E INTERSIL-ISL3241E Datasheet
554Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
logo
Renesas Technology Corp
ISL3241E RENESAS-ISL3241E Datasheet
962Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
logo
Intersil Corporation
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Renesas Technology Corp
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL83386E RENESAS-ISL83386E Datasheet
354Kb / 16P
   ±15kV ESD Protected, 3V to 5.5V, 1μA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
Apr.19.19
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com