データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL3331IRZ データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL3331IRZ
部品情報  3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3331IRZ データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL3331IRZ Datasheet HTML 2Page - Intersil Corporation ISL3331IRZ Datasheet HTML 3Page - Intersil Corporation ISL3331IRZ Datasheet HTML 4Page - Intersil Corporation ISL3331IRZ Datasheet HTML 5Page - Intersil Corporation ISL3331IRZ Datasheet HTML 6Page - Intersil Corporation ISL3331IRZ Datasheet HTML 7Page - Intersil Corporation ISL3331IRZ Datasheet HTML 8Page - Intersil Corporation ISL3331IRZ Datasheet HTML 9Page - Intersil Corporation ISL3331IRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
FN6361.0
May 20, 2008
/
Typical Operating Circuits
RS-232 MODE WITHOUT LOOPBACK
RS-232 MODE WITH LOOPBACK
RS-485 MODE WITHOUT LOOPBACK
RS-485 MODE WITH LOOPBACK
18
VCC
Y
Z
DY
DZ
0.1µF
+
0.1µF
+
0.1µF
15
14
6
7
1
2
3
11
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
20
19
RA
A
4
5k
Ω
RB
B
516
5k
Ω
C1
C2
+ C3
C4
RXEN
12
GND
+3.3V
+
0.1µF
10
485/232
ON
813
VCC
VCC
DEN
9
VCC
NOTE: PINOUT FOR SSOP
17
R
R
D
D
18
VCC
Y
Z
DY
DZ
0.1µF
+
0.1µF
+
0.1µF
15
14
6
7
1
2
3
11
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
20
19
RA
RB
16
C1
C2
+ C3
C4
RXEN
12
GND
+3.3V
+
0.1µF
10
485/232
ON
8
13
VCC
DEN
9
VCC
NOTE: PINOUT FOR SSOP
17
D
D
5k
Ω
5k
Ω
A1
4
B1
5
LB
Rx
R
R
18
VCC
Y
Z
DY
SLEW
0.1µF
+
0.1µF
+
0.1µF
15
14
6
7
1
2
3
11
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
20
19
RA
A
4
RB
B
5
16
C1
C2
+ C3
C4
RXEN
12
GND
+3.3V
+
0.1µF
10
485/232
ON
813
VCC
VCC
DEN
9
VCC
NOTE: PINOUT FOR SSOP
17
D
R
VCC
18
VCC
Y
Z
DY
SLEW
0.1µF
+
0.1µF
+
0.1µF
15
14
6
7
1
2
3
11
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
20
19
RA
RB
16
C1
C2
+ C3
C4
RXEN
12
GND
+3.3V
+
0.1µF
10
485/232
ON
8
13
VCC
DEN
9
VCC
NOTE: PINOUT FOR SSOP
17
D
R
VCC
LB
Rx
A
4
B
5
ISL3330, ISL3331


同様の部品番号 - ISL3331IRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL3331IRZ INTERSIL-ISL3331IRZ Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3331IRZ RENESAS-ISL3331IRZ Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3331IRZ-T INTERSIL-ISL3331IRZ-T Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3331IRZ-T RENESAS-ISL3331IRZ-T Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
More results

同様の説明 - ISL3331IRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
   3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
logo
Renesas Technology Corp
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com