データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL21080CIH330Z-TK データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL21080CIH330Z-TK
部品情報  300nA NanoPower Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21080CIH330Z-TK データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL21080CIH330Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 11Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 12Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 13Page - Intersil Corporation ISL21080CIH330Z-TK Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ISL21080
10
FN6934.5
June 23, 2014
Submit Document Feedback
FIGURE 10. LOAD TRANSIENT RESPONSE
FIGURE 11. LOAD TRANSIENT RESPONSE
FIGURE 12. DROPOUT
FIGURE 13. TURN-ON TIME
Typical Performance Characteristics Curves
VOUT = 1.5V, VIN = 3.0V, IOUT = 0mA, TA = +25°C
unless otherwise specified.
FIGURE 14. IIN vs VIN, 3 UNITS
FIGURE 15. IIN vs VIN OVER-TEMPERATURE
Typical Performance Characteristics Curves V
OUT = 0.9V, VIN = 3.0V, IOUT = 0mA, TA = +25°C
unless otherwise specified. (Continued)
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
TIME (ms)
01
23
45
67
89
10
ILOAD = +7mA
ILOAD = -7mA
-500
-400
-300
-200
-100
0
100
200
300
400
500
TIME (ms)
01
23
45
67
89
10
ILOAD = +50µA
ILOAD = -50µA
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.0 1.2
1.4
1.6
1.8
2.0 2.2
2.4
2.6
2.8
3.0
VIN (V)
NO LOAD
7mA
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.3
0.6
0.9
1.2
1.5
TIME (ms)
TYP
HIGH
VDD
LOW
0
100
200
300
400
500
VIN (V)
UNIT 1
UNIT 3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
UNIT 2
0
100
200
300
400
500
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
-40°C
+85°C
VIN (V)
+25°C


同様の部品番号 - ISL21080CIH330Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21080CIH330Z-TK INTERSIL-ISL21080CIH330Z-TK Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080CIH330Z-TK INTERSIL-ISL21080CIH330Z-TK Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080CIH330Z-TK RENESAS-ISL21080CIH330Z-TK Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
More results

同様の説明 - ISL21080CIH330Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_09 Datasheet
658Kb / 17P
   300nA NanoPower Voltage References
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com