データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL32600EFBZ データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL32600EFBZ
部品情報  1.8V to 3.3V, Micro-Power, ±15kV ESD, 125°C, Slew Rate Limited, RS-485/RS-422 Transceivers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32600EFBZ データシート(HTML) 2 Page - Intersil Corporation

  ISL32600EFBZ Datasheet HTML 1Page - Intersil Corporation ISL32600EFBZ Datasheet HTML 2Page - Intersil Corporation ISL32600EFBZ Datasheet HTML 3Page - Intersil Corporation ISL32600EFBZ Datasheet HTML 4Page - Intersil Corporation ISL32600EFBZ Datasheet HTML 5Page - Intersil Corporation ISL32600EFBZ Datasheet HTML 6Page - Intersil Corporation ISL32600EFBZ Datasheet HTML 7Page - Intersil Corporation ISL32600EFBZ Datasheet HTML 8Page - Intersil Corporation ISL32600EFBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ISL32600E, ISL32601E, ISL32602E, ISL32603E
2
FN7967.0
June 22, 2012
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
SUPPLY
RANGE (V)
HALF/FULL
DUPLEX
DATA RATE
(kbps)
SLEW-RATE
LIMITED?
HOT
PLUG?
# DEVICES
ON BUS
RX/TX
ENABLE?
QUIESCENT
ICC (µA)
LOW POWER
SHUTDOWN?
PIN
COUNT
ISL32600E
2.7 to 3.6
FULL
128 - 256
YES
YES
256
YES
60 @ 3V
YES
10, 14
ISL32601E
2.7 to 3.6
HALF
128 - 256
YES
YES
256
YES
60 @ 3V
YES
8
ISL32602E
1.8 to 3.6
FULL
256 - 460
YES
YES
256
YES
105 @ 1.8V
YES
10, 14
ISL32603E
1.8 to 3.6
HALF
256 - 460
YES
YES
256
YES
105 @ 1.8V
YES
8
Pin Configurations
ISL32601E, ISL32603E
(8 LD MSOP, SOIC)
TOP VIEW
ISL32600E, ISL32602E
(10 LD MSOP)
TOP VIEW
ISL32600E, ISL32602E
(14 LD SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
RO
RE
DE
DI
GND
VCC
A
B
Z
Y
1
2
3
4
5
10
9
8
7
6
D
R
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL32600EFBZ
32600EFBZ
-40 to +125
14 Ld SOIC
M14.15
ISL32600EFUZ
32600
-40 to +125
10 Ld MSOP
M10.118
ISL32601EFBZ
32601 EFBZ
-40 to +125
8 Ld SOIC
M8.15
ISL32601EFUZ
32601
-40 to +125
8 Ld MSOP
M8.118
ISL32602EFBZ
32602EFBZ
-40 to +125
14 Ld SOIC
M14.15
ISL32602EFUZ
32602
-40 to +125
10 Ld MSOP
M10.118
ISL32603EFBZ
32603 EFBZ
-40 to +125
8 Ld SOIC
M8.15
ISL32603EFUZ
32603
-40 to +125
8 Ld MSOP
M8.118
NOTES:
1. Add “-T” (full reel) or -T7A (250 piece reel) suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL32600E, ISL32601E, ISL32602E, ISL32603E. For more information
on MSL please see tech brief TB363.


同様の部品番号 - ISL32600EFBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL32600EFBZ INTERSIL-ISL32600EFBZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32600EFBZ RENESAS-ISL32600EFBZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125 째C, Slew Rate Limited RS-485/RS-422 Transceivers
More results

同様の説明 - ISL32600EFBZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL32600E RENESAS-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125 째C, Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL32601EFBZ INTERSIL-ISL32601EFBZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
ISL32600E INTERSIL-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com